Electronic Components Datasheet Search
  English  ▼

X  

06161237 Datasheet(PDF) 66 Page - Tyco Electronics

Part # 06161237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06161237 Datasheet(HTML) 66 Page - Tyco Electronics

Back Button 06161237 Datasheet HTML 62Page - Tyco Electronics 06161237 Datasheet HTML 63Page - Tyco Electronics 06161237 Datasheet HTML 64Page - Tyco Electronics 06161237 Datasheet HTML 65Page - Tyco Electronics 06161237 Datasheet HTML 66Page - Tyco Electronics 06161237 Datasheet HTML 67Page - Tyco Electronics 06161237 Datasheet HTML 68Page - Tyco Electronics 06161237 Datasheet HTML 69Page - Tyco Electronics 06161237 Datasheet HTML 70Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 85 page
background image
TEK Hand writeable vinyl fabric labels
66
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Self-Laminating Labels
Tyco Electronics TEK vinyl fabric pocket packs are suitable for on-
the-spot labeling. Thanks to their handy size they fit in the pocket
or the technician’s toolbox.
The packs are available in the most common label sizes. They can
be written on using the pencil (ZUB-03) or the felt-tip pen
(ZUB-01).
Features and benefits
I Portability
I On the spot labeling
Temperature rating
Operating temperature range
–29°C to +80°C
–20°F to +176°F
Properties
Adhesive removal without residue (approx. 1 year). Very pliable film.
Age resistant. Fabric materials silicone free.
Resistant against
Water, sea water, alcohol, engine oils, methanol, petrol (gasoline)
TEK
8
21 - N
Part numbering system
Standard Packaging
Label width (mm)
Label height (mm)
Product family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com