Electronic Components Datasheet Search
  English  ▼

X  

06161237 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 06161237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06161237 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 06161237 Datasheet HTML 4Page - Tyco Electronics 06161237 Datasheet HTML 5Page - Tyco Electronics 06161237 Datasheet HTML 6Page - Tyco Electronics 06161237 Datasheet HTML 7Page - Tyco Electronics 06161237 Datasheet HTML 8Page - Tyco Electronics 06161237 Datasheet HTML 9Page - Tyco Electronics 06161237 Datasheet HTML 10Page - Tyco Electronics 06161237 Datasheet HTML 11Page - Tyco Electronics 06161237 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
HX-SCE Low fire hazard heat-shrinkable wire identification sleeves
8
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Thin wall, zero-halogen, low smoke, low toxicity, radiation cross-
linked, UV stabilised polyolefin heat-shrinkable tubing, assembled
as cut sleeves organized in a ladder format.
Identification of wires and cables by computer-based printing onto
sleeves. Ideal for applications where limited fire hazard
characteristics are necessary. The zero halogen material coupled
with low smoke and low toxic fume emissions make this product
best used in enclosed spaces such as mass transit, marine and
industrial installations.
This product is not recommended where strain relief properties are
required.
Features and benefits
I Low fire hazard properties, low smoke, low toxicity, low
flammability. Meets industry standard BS 6853 (1999)
Vehicle Category 1a
I Superb print quality to give crisp clear identification
marker sleeve
I Excellent print permanence when tested in demanding
industry related fluids
I Choice of printer options
I Sleeve diameters from 2.4mm to 38.1mm
I Sleeve length from 12.7mm to 50.8mm
I Sleeves are printable on both sides for ease of
identification or inclusion of additional information
to the marker sleeve
I Shrink ratio of 2:1 - recovers to half of the original
diameter
Temperature rating
Operating temperature range
–30°C to +105°C
–22°F to +221°F
Minimum recovery temperature
+120°C
+248°F
Maximum storage temperature
+40°C
+104°F
Specifications/approvals
Tyco Electronics
RW 2072
TTDS-108
Military
SAE AS81531 4.6.2
MIL-STD-202 Method 215J
Industry
BS 6853 [1999] – Vehicle Category 1a
LUL toxic fume (LUL E1042:A6 [2002})
- No halogen, O, N or S sources
Printer information
Tyco Electronics printers
T312M and T212M (thermal transfer)
Tyco Electronics ribbons
1966 - RIBBON (T312M)
T200 - RIBBON-1966 (T212M)
HX-SCE- 1K-4.8 - 50 - S1 - 4
Part numbering system
Color
Scoring (optional)
Sleeve length (mm)
Expanded inside diameter (inches)
Pack size
Product family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com