Electronic Components Datasheet Search
  English  ▼

X  

06161237 Datasheet(PDF) 23 Page - Tyco Electronics

Part # 06161237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06161237 Datasheet(HTML) 23 Page - Tyco Electronics

Back Button 06161237 Datasheet HTML 19Page - Tyco Electronics 06161237 Datasheet HTML 20Page - Tyco Electronics 06161237 Datasheet HTML 21Page - Tyco Electronics 06161237 Datasheet HTML 22Page - Tyco Electronics 06161237 Datasheet HTML 23Page - Tyco Electronics 06161237 Datasheet HTML 24Page - Tyco Electronics 06161237 Datasheet HTML 25Page - Tyco Electronics 06161237 Datasheet HTML 26Page - Tyco Electronics 06161237 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 85 page
background image
HTCM-SCE High temperature, low outgassing tie-on-cable marker tags
23
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Ordering information
Available sizes and formats
Ordering
Size
Markable
Markable
Recommended
description
height
length
use range
mm
inches
mm
inches
mm
inches
HTCM-SCE -TP- 1/4- 4H- <color>
1
/4
6.40
0.250
50.80
2.000
5.08 – 12.50
0.200 – 0.492
HTCM -SCE-TP- 1/2- 4H- <color>
1
/2
12.70
0.500
50.80
2.000
12.50 and up
0.492 and up
HTCM -SCE-TP- 1/2- 6H- <color>
1
/2
12.70
0.500
50.80
2.000
12.50 and up
0.492 and up
Options
Tie-wrap holes
1/4- inch tags
Four holes standard
1/2- inch tags
Four holes
Six holes
Code
4H
6H
Fanfold
Code
Fx (substitute package size code for “x”)
Package sizes
Standard
250 pieces
Colors
Standard
White
Code
9
Nonstandard
Yellow
Code
4
Ordering information: Specify product name, markable height of marker, pack size, number of tie wraps and color.
Ordering example: HTCM-SCE - 2.5K --
1/4--4H-9
Figure 1
HTCM-SCE-
1/4 INCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com