Electronic Components Datasheet Search
  English  ▼

X  

06161237 Datasheet(PDF) 34 Page - Tyco Electronics

Part # 06161237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06161237 Datasheet(HTML) 34 Page - Tyco Electronics

Back Button 06161237 Datasheet HTML 30Page - Tyco Electronics 06161237 Datasheet HTML 31Page - Tyco Electronics 06161237 Datasheet HTML 32Page - Tyco Electronics 06161237 Datasheet HTML 33Page - Tyco Electronics 06161237 Datasheet HTML 34Page - Tyco Electronics 06161237 Datasheet HTML 35Page - Tyco Electronics 06161237 Datasheet HTML 36Page - Tyco Electronics 06161237 Datasheet HTML 37Page - Tyco Electronics 06161237 Datasheet HTML 38Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 85 page
background image
iMC Laser or hand writable marking clip
34
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Tyco Electronics iMC are marking clips designed for the identifica-
tion of wires and can be permanently attached to wires, post
termination.
They can be quickly and simply clipped on the wire or cable. The
polyester insert strip which can be printed using a laser printer or
written by hand is then inserted in the clip.
The marking clips are fastened without the need of cable ties.
Features and benefits
I Protects against damp, dust and dirt
I iMC polyester strip can be marked with a laser printer or
by hand
I Quick and flexible
I iMC strip is a dual color label with white on one side and
yellow on the other
Temperature rating
Operating temperature
0° to +80°C
(+32° to +176°F)
Printer Information
Standard laser printer with auto/manual sheet feed
Contact Tyco Electronics Electronics Identification for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com