Electronic Components Datasheet Search
  English  ▼

X  

06161237 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 06161237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06161237 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 06161237 Datasheet HTML 2Page - Tyco Electronics 06161237 Datasheet HTML 3Page - Tyco Electronics 06161237 Datasheet HTML 4Page - Tyco Electronics 06161237 Datasheet HTML 5Page - Tyco Electronics 06161237 Datasheet HTML 6Page - Tyco Electronics 06161237 Datasheet HTML 7Page - Tyco Electronics 06161237 Datasheet HTML 8Page - Tyco Electronics 06161237 Datasheet HTML 9Page - Tyco Electronics 06161237 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
HT-SCE High temperature, low outgassing heat-shrinkable wire identification sleeves
6
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
HT-SCE - 1K-
1/4 -2.0 -S1-0
Part numbering system
Color
Scoring (optional)
Sleeve length (inches)
Expanded inside diameter (inches)
Pack size
Product family
HT-SCE wire markers are designed for use in high temperature
applications or where extreme resistance to fuels, lubricants and
cleaning solvents is required. They are also ideal for applications in
which low-vacuum outgassing is of high importance. The marker
sleeves are made of highly flame retardant, heat-shrinkable fluo-
ropolymer tubing.
HT-SCE markers are supplied as a thin, flat “ladder” of sleeves held
horizontally between two polyester strips. This configuration feeds
directly from the storage box into standard Tyco Electronics
recommended printers, with no modifications necessary. A strip of
adhesive tape on each side of the sleeves holds them securely in
place for printing and kitting, yet the sleeves pull easily from the
carrier strips. A standard heat gun with reflector is used to shrink
the sleeves onto the wire or cable to achieve a permanent mark.
After shrinking, HT-SCE markers meet the print performance
requirements of SAE AS81531 4.6.2 and MIL-STD-202. HT-SCE
markers are supplied in boxes of 1000 sleeves and are available
in nine diameter sizes. These cover substrates from 0.8mm to
34.0mm. Because of this versatility, customers need not carry a
large inventory of markers.
Features and benefits
I Permanent identification sleeves
I High continuous operating temperature
I Extreme fluid resistance
I Low-vacuum outgassing
I Wide range of sleeve sizes for several wire
and bundle diameters
Temperature rating
Operating temperature range
–55°C to +225°C
–67°F to +437°F
Minimum recovery temperature
+200°C
+392°F
Maximum storage temperature
+40°C
+104°F
Specifications/approvals
Tyco Electronics
RW 2512
TTDS-020
Military
SAE AS 81531 4.6.2
MIL-STD-202 Method 215J
Printer information
Tyco Electronics printer
T312M (thermal transfer)
Tyco Electronics ribbon
TMS-RJS-RIBBON-4HT (thermal transfer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com