Electronic Components Datasheet Search
  English  ▼

X  

06161237 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 06161237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06161237 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 06161237 Datasheet HTML 6Page - Tyco Electronics 06161237 Datasheet HTML 7Page - Tyco Electronics 06161237 Datasheet HTML 8Page - Tyco Electronics 06161237 Datasheet HTML 9Page - Tyco Electronics 06161237 Datasheet HTML 10Page - Tyco Electronics 06161237 Datasheet HTML 11Page - Tyco Electronics 06161237 Datasheet HTML 12Page - Tyco Electronics 06161237 Datasheet HTML 13Page - Tyco Electronics 06161237 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
HX-SCE Low fire hazard heat-shrinkable wire identification sleeves
10
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Industry Standards
Standard
Title
Application
BS6853
Code of practice for fire precautions in the design
Interior minor use materials of mass 100g to 500g.
and construction of passenger carrying trains.
Vehicle category Ia.
1London Underground Limited
Fire Safety Performance of Materials
Limited, dispered usage (abbreciation RS/EQ/I)
Standard 2-01001-002
NF F 16-101
Railway Rolling Stock Fire behavior choice of materials
Rolling Stock Classification A1
DIN 5510-2
Preventive fire protection in railway vehicles - Part 2: Fire
Dripping Classification ST2
behavior and fire side effects of materials and parts;
Classification, Requirements and Test Methods.
2EN50343
Railway Applications - Rolling Stock -
Tests on marking when using heat-shrinkable sleeves
Rules for installation of cabling.
1 This replaces LUL Engineering Standard E1042
2 Not including resistance to liquid fuel - not recommended for use in areas where the sleeves may be subject to extended contact from diesel fuel - Tyco Electronics D-SCE
product range is designed for use in these areas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com