Electronic Components Datasheet Search
  English  ▼

X  

06161237 Datasheet(PDF) 42 Page - Tyco Electronics

Part # 06161237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06161237 Datasheet(HTML) 42 Page - Tyco Electronics

Back Button 06161237 Datasheet HTML 38Page - Tyco Electronics 06161237 Datasheet HTML 39Page - Tyco Electronics 06161237 Datasheet HTML 40Page - Tyco Electronics 06161237 Datasheet HTML 41Page - Tyco Electronics 06161237 Datasheet HTML 42Page - Tyco Electronics 06161237 Datasheet HTML 43Page - Tyco Electronics 06161237 Datasheet HTML 44Page - Tyco Electronics 06161237 Datasheet HTML 45Page - Tyco Electronics 06161237 Datasheet HTML 46Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 85 page
background image
RMK Computer printable epoxy coated labels in a sheet form
42
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Performance Labels
Temperature rating
Operating temperature range
Wiring marking
–40°C to +85°C
–40°F to +185°F
Panel marking
–40°C to +105°C
–40°F to +221°F
Excursion temperature
+200°C for 2 hours
Storage conditions
Unopened
12 months at temperatures not exceeding
+35°C (+95°F)
Opened
6 months at temperatures not exceeding
+25°C (+77°F)
and 80% relative humidity
Curing
4 - 6 minutes at 160°C
in an air circulating oven.
Specifications/approvals
Tyco Electronics
RW 2518
Industry
UL
MH17259 Group PGGU2
Printer information
Various color inkjet printers can be used depending on the application, mainly HP800
or HP900 series if available.
Tyco Electronics recommended printer
Epson R340/R320
Tyco Electronics recommended inks
Standard Epson
For further advice on possible alternative printers, contact Tyco Electronics.
RMK-18x35- A4
Part numbering system
Sheet size
Label size (mm)
Product family
RMK is a computer printable labelstock with outstanding fluid and
abrasion resistance, designed to be printed by sheet fed inkjet
printers. When heat-cured after printing its unique heat reactive
epoxy surface “locks in” the image to combine the versatility and
convenience of on-site printing with performance to meet the
toughest conditions. A high performance acrylic adhesive ensures
simple installation while maintaining excellent adhesion. A wide
range of label sizes are available, supplied in A4 sheets for feeding
through standard inkjet printers.
Typical applications are replacement of engraved metal or plastic
labels, signs, rating plate labels, and color coding.
Features and benefits
I High performance label material
I High performance acrylic adhesive
I A4 format sheet
I Printable by color inkjet printers with sheet feed
I Outstanding fluid and abrasion resistance without an overlay
I Low fire hazard properties
I Indoor use only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com