Electronic Components Datasheet Search
  English  ▼

X  

06161237 Datasheet(PDF) 68 Page - Tyco Electronics

Part # 06161237
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06161237 Datasheet(HTML) 68 Page - Tyco Electronics

Back Button 06161237 Datasheet HTML 64Page - Tyco Electronics 06161237 Datasheet HTML 65Page - Tyco Electronics 06161237 Datasheet HTML 66Page - Tyco Electronics 06161237 Datasheet HTML 67Page - Tyco Electronics 06161237 Datasheet HTML 68Page - Tyco Electronics 06161237 Datasheet HTML 69Page - Tyco Electronics 06161237 Datasheet HTML 70Page - Tyco Electronics 06161237 Datasheet HTML 71Page - Tyco Electronics 06161237 Datasheet HTML 72Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 85 page
background image
CMD Cable and wire marker dispenser
68
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Self-Laminating Labels
Tyco Electronics CMD is one of the most user friendly portable
wire marker systems available. Each dispenser contains 10 rolls of
individually numbered marker tape. Each roll of markers contains
76 individual markers which are a convenient length that accom-
modates most commonly identified wire sizes.
Manufactured from DuPont Tyvek® material to ensure durability
and minimize the potential of tearing.
Features and benefits
■
Supplied with a pre-determined length of 32mm and a width of
6.4mm
■
Supplied in a handy pocket size reusable dispenser
■
Aggressive acrylic adhesive impervious to oil and water
Temperature rating
Operating temperature range
–40°C to +80°C
–40°F to +176°F
Specifications/approvals
Tyco Electronics
TTDS-141
CMD - 0-9
Part numbering system
Contents
Product family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com