Electronic Components Datasheet Search
  English  ▼

X  

KMA220 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # KMA220
Description  Dual channel programmable angle sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA220 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button KMA220 Datasheet HTML 28Page - NXP Semiconductors KMA220 Datasheet HTML 29Page - NXP Semiconductors KMA220 Datasheet HTML 30Page - NXP Semiconductors KMA220 Datasheet HTML 31Page - NXP Semiconductors KMA220 Datasheet HTML 32Page - NXP Semiconductors KMA220 Datasheet HTML 33Page - NXP Semiconductors KMA220 Datasheet HTML 34Page - NXP Semiconductors KMA220 Datasheet HTML 35Page - NXP Semiconductors KMA220 Datasheet HTML 36Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
KMA220
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 24 May 2012
32 of 36
NXP Semiconductors
KMA220
Dual channel programmable angle sensor
20. Package outline
Fig 20. Package outline SOT1188-1 (SIL4)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1188-1
- - -
- - -
- - -
sot1188-1_po
Unit
mm
max
nom
min
2.05
1.95
1.85
0.85
0.80
0.75
11.15
11.00
10.85
10.62
10.47
10.32
7.81
7.5
7.4
7.3
7.9
7.8
7.7
1.8
7.9
A
Dimensions
Note
1. Gate area, up to 0.2 mm protrusion possible at both sides.
2. Terminal and plastic uncontrolled in this area.
3. Burr not included.
4. Measured at the cutting edge of the fin radius.
5. Measured along the straight edge of the package above note 1.
6. Alignment area, up to 1.5 mm long rim break outs can reduce E1 dimension.
SIL4: plastic, single in-line package
SOT1188-1
bC(3)
0.30
0.27
0.24
DD1
D2(1)
E
1.7
1.6
1.5
D3
2.05
1.95
1.85
D4
1.0
0.2 0.8
0.2
s
2.6
S(ref)
qz
w
Y(ref)
D5(4, ref)
0.27
D6(ref)
12.93
E1(5,6)
8.05
8.00
7.95
E2
eHE
20.7
20.5
20.3
HE1
5.85
5.80
5.75
HE2
6.20
4.05
4.00
3.95
0.95
0.90
0.85
1.05
1.00
0.95
L(ref)
pp1
Q
0.95
0.90
0.85
0
5
10 mm
scale
12-03-29
12-05-14
E2
E1
E
B
C
A
Q
C
A
D1
D2
alignment
area(6)
gate area(1)
D
HE
D4
D3
(L)
zC
14
b
(4x)
e
w
(3x)
(2)
(1)
(2)
q
p
(D5)
(S)
(D6 )
HE1
p1
HE2
sA B
B
pin 1 index
x - center of reading point
# - center of individual reading point
for customer reference
burr side
x
##
(Y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com