Electronic Components Datasheet Search
  English  ▼

X  

KMA220 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # KMA220
Description  Dual channel programmable angle sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA220 Datasheet(HTML) 5 Page - NXP Semiconductors

  KMA220 Datasheet HTML 1Page - NXP Semiconductors KMA220 Datasheet HTML 2Page - NXP Semiconductors KMA220 Datasheet HTML 3Page - NXP Semiconductors KMA220 Datasheet HTML 4Page - NXP Semiconductors KMA220 Datasheet HTML 5Page - NXP Semiconductors KMA220 Datasheet HTML 6Page - NXP Semiconductors KMA220 Datasheet HTML 7Page - NXP Semiconductors KMA220 Datasheet HTML 8Page - NXP Semiconductors KMA220 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
KMA220
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 24 May 2012
5 of 36
NXP Semiconductors
KMA220
Dual channel programmable angle sensor
Since the Anisotropic MR (AMR) effect is periodic over 180
, the sensor output is also
180
-periodic. The angle is calculated relative to a freely programmable zero angle. The
dashed line indicates the mechanical zero degree position.
6.
Analog output
The KMA220 provides two analog output signals on pin OUT1/DATA1 and on
pin OUT2/DATA2. The measured angle
 is converted linearly into a value, which is
ratiometric to the supply voltage VDD. Either a positive or a negative slope can be
programmed independently for each pin by the customer for this purpose.
Table 3 describes the analog output behavior for a positive slope. If for example,
a magnetic field angle, above the programmed maximum angle
max, but below the clamp
switch angle
sw(CL) is applied to the sensor, then analog output is set to the upper
clamping voltage. If the magnetic field angle is larger than the clamp switch angle, the
analog output switches from upper to lower clamping voltage. If there is a negative slope,
the clamping voltages are changed.
The analog output voltage range encodes both angular and diagnostic information. A valid
angle value is between the upper and lower clamping voltage. If the analog output is in the
diagnostic range, that is below 4 %VDD or above 96 %VDD, an error condition has been
detected. The analog output repeats every 180
.
Fig 2.
Angular measurement directions
008aaa276
α
Hext
4
3
2
1
Table 3.
Analog output behavior for a positive slope
Magnetic field angle
Analog output
max <  < sw(CL)
V(CL)u
sw(CL) <  < ref + 180
V(CL)l



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com