Electronic Components Datasheet Search
  English  ▼

X  

KMA220 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # KMA220
Description  Dual channel programmable angle sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA220 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button KMA220 Datasheet HTML 7Page - NXP Semiconductors KMA220 Datasheet HTML 8Page - NXP Semiconductors KMA220 Datasheet HTML 9Page - NXP Semiconductors KMA220 Datasheet HTML 10Page - NXP Semiconductors KMA220 Datasheet HTML 11Page - NXP Semiconductors KMA220 Datasheet HTML 12Page - NXP Semiconductors KMA220 Datasheet HTML 13Page - NXP Semiconductors KMA220 Datasheet HTML 14Page - NXP Semiconductors KMA220 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
KMA220
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 24 May 2012
11 of 36
NXP Semiconductors
KMA220
Dual channel programmable angle sensor
[1]
At a nominal output voltage between 5 %VDD and 95 %VDD and a maximum angle of max = 180.
[2]
In steps of resolution < 0.022
.
[3]
Activation is dependent on the programmed diagnostic mode.
[4]
At a low-pass filtered analog output with a cut-off frequency of 0.7 kHz.
[5]
Settling to these values is limited by 0.7 kHz low-pass filtering of analog output.
[6]
In steps of 0.02 %VDD.
[7]
Definition of errors is given in Section 12.
[8]
Inhomogeneity of a 15 mm diameter disc magnet can increase the linearity error by < 0.1
.
[9]
Based on a 3
 standard deviation.
[10] Room temperature is given for an ambient temperature of 25
C.
[11] Graph of angular error is shown in Figure 5.

ang
angular error
temperature range
40 Cto+160 C
[4][7][8]
[11]
1.35
-
+1.35
deg
temperature range
40 Cto+140 C
[4][7][8]
[11]
1.1
-
+1.1
deg
mang
slope of angular error
[4][7]
[11]
-
-
0.04
deg/deg
ZO(pl)
power-loss output
impedance
impedance to remaining
supply line in case of lost
supply voltage or lost ground
--
210
Table 13.
Module performance …continued
Characteristics are valid for the operating conditions, as specified in Section 9.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com