Electronic Components Datasheet Search
  English  ▼

X  

KMA220 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # KMA220
Description  Dual channel programmable angle sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA220 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button KMA220 Datasheet HTML 8Page - NXP Semiconductors KMA220 Datasheet HTML 9Page - NXP Semiconductors KMA220 Datasheet HTML 10Page - NXP Semiconductors KMA220 Datasheet HTML 11Page - NXP Semiconductors KMA220 Datasheet HTML 12Page - NXP Semiconductors KMA220 Datasheet HTML 13Page - NXP Semiconductors KMA220 Datasheet HTML 14Page - NXP Semiconductors KMA220 Datasheet HTML 15Page - NXP Semiconductors KMA220 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
KMA220
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 24 May 2012
12 of 36
NXP Semiconductors
KMA220
Dual channel programmable angle sensor
(1)
40 C to +160 C
(2)
40 C to +140 C
Fig 5.
Envelope curve for the magnitude of angular error
001aal765
1.40
1.35
|
Δφang|
(deg)
1.10
0.75
0.65
0
−16
−12.25
−1 0 1
12.25
α1 − α0 (deg)
16
20
−20
(1)
(2)
Table 14.
Dynamics
Characteristics are valid for the operating conditions, as specified in Section 9.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ton
turn-on time
until first valid result
-
-
5
ms
fupd
update frequency
2.4
3.125
-
kHz
ts
settling time
after an ideal mechanical
angle step of 45
, until 90 %
of the final value is reached
--
1.8
ms
tcmd(ent)
enter command mode time after power-on
20
-
30
ms
trec(ov)
overvoltage recovery time
after overvoltage
-
-
4
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com