Electronic Components Datasheet Search
  English  ▼

X  

KMA220 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # KMA220
Description  Dual channel programmable angle sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA220 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button KMA220 Datasheet HTML 13Page - NXP Semiconductors KMA220 Datasheet HTML 14Page - NXP Semiconductors KMA220 Datasheet HTML 15Page - NXP Semiconductors KMA220 Datasheet HTML 16Page - NXP Semiconductors KMA220 Datasheet HTML 17Page - NXP Semiconductors KMA220 Datasheet HTML 18Page - NXP Semiconductors KMA220 Datasheet HTML 19Page - NXP Semiconductors KMA220 Datasheet HTML 20Page - NXP Semiconductors KMA220 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
KMA220
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 24 May 2012
17 of 36
NXP Semiconductors
KMA220
Dual channel programmable angle sensor
This error comprises non-linearity and temperature drift related to the room temperature.
Figure 11 shows the envelope curve for the magnitude of angular error |

ang| versus 1
for all angles
0 and all temperatures Tamb within the ambient temperature range. If 1 is
in the range of
1 around 
0, |ang| has its minimum. Here only the microlinearity error
lin and the temperature drift related to the room temperature |tempRT| occurs. If 1
deviates from
0 by more than 1 in either direction, |ang| can increase. Slope mang
defines the gradient.
Equation 5 to Equation 8 express the angular error:
for |
1 0|  1
(5)
for 1
 <|
1 0|< *
(6)
for |
1 0| *
(7)
with:
(8)
Fig 11. Envelope curve for the magnitude of angular error
001aal766
|
Δφμlin + Δφtemp|RT|
−α*
α0 − 1°
α0
|
Δφang|
α0 + 1°
+
α*
mang
|
Δφang(peak)|
α1
ang
lin

temp RT
+
=
ang
lin

temp RT
+
m
ang
1
0
–
1
–

+
=
ang
lin
2

temp RT
2
+
=

ang(peak)
lin

temp RT
+
–
m
ang
-----------------------------------------------------------------------------------
0
1
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com