Electronic Components Datasheet Search
  English  ▼

X  

KMA220 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # KMA220
Description  Dual channel programmable angle sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA220 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button KMA220 Datasheet HTML 4Page - NXP Semiconductors KMA220 Datasheet HTML 5Page - NXP Semiconductors KMA220 Datasheet HTML 6Page - NXP Semiconductors KMA220 Datasheet HTML 7Page - NXP Semiconductors KMA220 Datasheet HTML 8Page - NXP Semiconductors KMA220 Datasheet HTML 9Page - NXP Semiconductors KMA220 Datasheet HTML 10Page - NXP Semiconductors KMA220 Datasheet HTML 11Page - NXP Semiconductors KMA220 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
KMA220
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 24 May 2012
8 of 36
NXP Semiconductors
KMA220
Dual channel programmable angle sensor
Table 6 describes the diagnostic behavior and the resulting output voltage depending on
the error case. Furthermore the duration and termination condition to enter and leave the
diagnostic mode are given, respectively.
[1]
Status bit stays set in command register until power-on reset.
[2]
Depending on the diagnostic level setting.
8.
Limiting values
[1]
Overvoltage on analog output and supply within the specified operating voltage range.
Table 6.
Diagnostic behavior
Diagnostic condition Duration
Analog output
Termination condition
Low voltage
1
s<t < 10 s
 4%V
DD
functional or normal
operation
Overvoltage
1
s<t < 10 s
 4%V
DD
functional or normal
operation
Checksum error
n/a
 4%V
DD or  96 %VDD
[2]
power-on reset[1]
Double-bit error
n/a
 4%V
DD or  96 %VDD
[2]
power-on reset[1]
Magnet-loss
0.5 ms < t < 6 ms
 4%V
DD or  96 %VDD
[2]
magnet present[1]
Power-loss
 2ms
 4%V
DD or  96 %VDD
[2]
power-on reset
Table 7.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.3
+16
V
VO
output voltage
0.3
+16
V
VO(ov)
overvoltage output voltage
Tamb <140 C
at t < 1 h
[1] Vth(ov)
16
V
Ir
reverse current
Tamb <70 C-
150
mA
Tamb
ambient temperature
40
+160
C
Tamb(pr)
programming ambient temperature
10
70
C
Tstg
storage temperature
40
+125
C
Non-volatile memory
tret(D)
data retention time
Tamb =50 C
17
-
year
Nendu(W_ER) write or erase endurance
Tamb(pr) =70 C
100
-
cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com