| Electronic Components Datasheet Search |
|
LPC4088 Datasheet(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC4088 Datasheet(HTML) 28 Page - NXP Semiconductors |
|
28 / 123 page ![]() LPC408X_7X All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Objective data sheet Rev. 1 — 17 September 2012 28 of 123 NXP Semiconductors LPC408x/7x 32-bit ARM Cortex-M4 microcontroller P2[12] 106 N14 N14 73 - [10] I; PU I/O P2[12] — General purpose digital input/output pin. This pin includes a 5 ns input glitch filter. I EINT2 — External interrupt 2 input. I/O SD_DAT[2] — Data line 2 for SD card interface. I/O I2S_TX_WS — Transmit Word Select. It is driven by the master and received by the slave. Corresponds to the signal WS in the I2S-bus specification. O LCD_VD[4] — LCD data. O LCD_VD[3] — LCD data. O LCD_VD[8] — LCD data. O LCD_VD[18] — LCD data. P2[13] 102 T16 M11 71 - [10] I; PU I/O P2[13] — General purpose digital input/output pin. This pin includes a 5 ns input glitch filter. I EINT3 — External interrupt 3 input. I/O SD_DAT[3] — Data line 3 for SD card interface. I/O I2S_TX_SDA — Transmit data. It is driven by the transmitter and read by the receiver. Corresponds to the signal SD in the I2S-bus specification. - R — Function reserved. O LCD_VD[5] — LCD data. O LCD_VD[9] — LCD data. O LCD_VD[19] — LCD data. P2[14] 91 R12 - - - [3] I; PU I/O P2[14] — General purpose digital input/output pin. O EMC_CS2 — LOW active Chip Select 2 signal. I/O I2C1_SDA — I2C1 data input/output (this pin does not use a specialized I2C pad). I T2_CAP0 — Capture input for Timer 2, channel 0. P2[15] 99 P13 - - - [3] I; PU I/O P2[15] — General purpose digital input/output pin. O EMC_CS3 — LOW active Chip Select 3 signal. I/O I2C1_SCL — I2C1 clock input/output (this pin does not use a specialized I2C pad). I T2_CAP1 — Capture input for Timer 2, channel 1. P2[16] 87 R11 P9 - - [3] I; PU I/O P2[16] — General purpose digital input/output pin. O EMC_CAS — LOW active SDRAM Column Address Strobe. P2[17] 95 R13 P11 - - [3] I; PU I/O P2[17] — General purpose digital input/output pin. O EMC_RAS — LOW active SDRAM Row Address Strobe. Table 3. Pin description …continued Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, comparator pins) and Table 5 (EMC pins). Symbol Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |