Electronic Components Datasheet Search
  English  ▼

X  

LPC4088 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU;
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 93Page - NXP Semiconductors LPC4088 Datasheet HTML 94Page - NXP Semiconductors LPC4088 Datasheet HTML 95Page - NXP Semiconductors LPC4088 Datasheet HTML 96Page - NXP Semiconductors LPC4088 Datasheet HTML 97Page - NXP Semiconductors LPC4088 Datasheet HTML 98Page - NXP Semiconductors LPC4088 Datasheet HTML 99Page - NXP Semiconductors LPC4088 Datasheet HTML 100Page - NXP Semiconductors LPC4088 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 123 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 17 September 2012
97 of 123
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
12.2 DAC electrical characteristics
12.3 Comparator electrical characteristics
The values of resistor components Rcmp and Rsw vary with temperature and input voltage and are
process-dependent.
Fig 30. ADC interface to pins ADC0_IN[n]
Table 28.
ADC interface components
Component
Range
Description
Rcmp
90
 to 300 
Switch-on resistance for the comparator input switch. Varies
with temperature, input voltage, and process.
Rsw
500
 to 2 k
Switch-on resistance for channel selection switch. Varies with
temperature, input voltage, and process.
C1
110 fF
Parasitic capacitance from the ADC block level.
C2
80 fF
Parasitic capacitance from the ADC block level.
C3
1.6 pF
Sampling capacitor.
LPC408x/7x
AD0[n]
110 fF
80 fF
Cia
1.6 pF
Rvsi
Rsw
500
Ω - 2 kΩ
Rcmp
90
Ω - 300 Ω
VSS
VEXT
002aah275
ADC
COMPARATOR
BLOCK
C1
C3
C2
Table 29.
10-bit DAC electrical characteristics
VDDA = 2.7 V to 3.6 V; Tamb = 40 C to +85 C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ED
differential linearity
error
-
1-
LSB
EL(adj)
integral non-linearity
-
1.5
-
LSB
EO
offset error
-
0.6
-
%
EG
gain error
-
0.6
-
%
CL
load capacitance
-
-
200
pF
RL
load resistance
1
-
-
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com