Electronic Components Datasheet Search
  English  ▼

X  

LPC4088 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU;
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 65Page - NXP Semiconductors LPC4088 Datasheet HTML 66Page - NXP Semiconductors LPC4088 Datasheet HTML 67Page - NXP Semiconductors LPC4088 Datasheet HTML 68Page - NXP Semiconductors LPC4088 Datasheet HTML 69Page - NXP Semiconductors LPC4088 Datasheet HTML 70Page - NXP Semiconductors LPC4088 Datasheet HTML 71Page - NXP Semiconductors LPC4088 Datasheet HTML 72Page - NXP Semiconductors LPC4088 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 123 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 17 September 2012
69 of 123
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
[1]
The following applies to the limiting values:
a) This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated
maximum.
b) Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
[2]
Including voltage on outputs in 3-state mode.
[3]
Not to exceed 4.6 V.
[4]
The maximum non-operating storage temperature is different than the temperature for required shelf life which should be determined
based on the required shelf lifetime. Please refer to the JEDEC spec for further details.
[5]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
 series resistor.
Ilatch
I/O latch-up current
(0.5V
DD(3V3)) < VI
< (1.5VDD(3V3));
Tj < 125 C
-
100
mA
Tstg
storage temperature
non-operating
[4]
65
+150
C
Ptot(pack)
total power dissipation (per package)
based on package
heat transfer, not
device power
consumption
-1.5
W
VESD
electrostatic discharge voltage
human body
model; all pins
[5]
4000
V
Table 7.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com