Electronic Components Datasheet Search
  English  ▼

X  

LPC4088 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU;
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 49Page - NXP Semiconductors LPC4088 Datasheet HTML 50Page - NXP Semiconductors LPC4088 Datasheet HTML 51Page - NXP Semiconductors LPC4088 Datasheet HTML 52Page - NXP Semiconductors LPC4088 Datasheet HTML 53Page - NXP Semiconductors LPC4088 Datasheet HTML 54Page - NXP Semiconductors LPC4088 Datasheet HTML 55Page - NXP Semiconductors LPC4088 Datasheet HTML 56Page - NXP Semiconductors LPC4088 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 123 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 17 September 2012
53 of 123
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
7.23.1 Features
• Quad SPI Flash Interface (SPIFI) interface to external flash.
• Transfer rates of up to SPIFI_CLK/2 bytes per second.
• Code in the serial flash memory can be executed as if it was in the CPU’s internal
memory space. This is accomplished by mapping the external flash memory directly
into the CPU memory space.
• Supports 1-, 2-, and 4-bit bidirectional serial protocols.
• Half-duplex protocol compatible with various vendors and devices.
• Supported by a driver library available from NXP Semiconductors.
7.24 SSP serial I/O controller
The LPC408x/7x contain three SSP controllers. The SSP controller is capable of
operation on a SPI, 4-wire SSI, or Microwire bus. It can interact with multiple masters and
slaves on the bus. Only a single master and a single slave can communicate on the bus
during a given data transfer. The SSP supports full duplex transfers, with frames of 4 bits
to 16 bits of data flowing from the master to the slave and from the slave to the master. In
practice, often only one of these data flows carries meaningful data.
7.24.1 Features
• Maximum SSP speed of 60 Mbit/s (master) or 10 Mbit/s (slave)
• Compatible with Motorola SPI, 4-wire Texas Instruments SSI, and National
Semiconductor Microwire buses
• Synchronous serial communication
• Master or slave operation
• 8-frame FIFOs for both transmit and receive
• 4-bit to 16-bit frame
• DMA transfers supported by GPDMA
7.25 I2C-bus serial I/O controllers
The LPC408x/7x contain three I2C-bus controllers.
The I2C-bus is bidirectional for inter-IC control using only two wires: a Serial Clock Line
(SCL) and a Serial Data Line (SDA). Each device is recognized by a unique address and
can operate as either a receiver-only device (e.g., an LCD driver) or a transmitter with the
capability to both receive and send information (such as memory). Transmitters and/or
receivers can operate in either master or slave mode, depending on whether the chip has
to initiate a data transfer or is only addressed. The I2C is a multi-master bus and can be
controlled by more than one bus master connected to it.
7.25.1 Features
• All I2C-bus controllers can use standard GPIO pins with bit rates of up to 400 kbit/s
(Fast I2C-bus). The I2C0-bus interface uses special open-drain pins with bit rates of
up to 400 kbit/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com