Electronic Components Datasheet Search
  English  ▼

X  

LPC4088 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU;
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 55Page - NXP Semiconductors LPC4088 Datasheet HTML 56Page - NXP Semiconductors LPC4088 Datasheet HTML 57Page - NXP Semiconductors LPC4088 Datasheet HTML 58Page - NXP Semiconductors LPC4088 Datasheet HTML 59Page - NXP Semiconductors LPC4088 Datasheet HTML 60Page - NXP Semiconductors LPC4088 Datasheet HTML 61Page - NXP Semiconductors LPC4088 Datasheet HTML 62Page - NXP Semiconductors LPC4088 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 123 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 17 September 2012
59 of 123
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
7.34 RTC and backup registers
The RTC is a set of counters for measuring time when system power is on, and optionally
when it is off. The RTC on the LPC408x/7x is designed to have extremely low power
consumption, i.e. less than 1
A. The RTC will typically run from the main chip power
supply conserving battery power while the rest of the device is powered up. When
operating from a battery, the RTC will continue working down to 2.1 V. Battery power can
be provided from a standard 3 V lithium button cell.
An ultra-low power 32 kHz oscillator will provide a 1 Hz clock to the time counting portion
of the RTC, moving most of the power consumption out of the time counting function.
The RTC includes a calibration mechanism to allow fine-tuning the count rate in a way
that will provide less than 1 second per day error when operated at a constant voltage and
temperature.
The RTC contains a small set of backup registers (20 bytes) for holding data while the
main part of the LPC408x/7x is powered off.
The RTC includes an alarm function that can wake up the LPC408x/7x from all reduced
power modes with a time resolution of 1 s.
7.34.1 Features
• Measures the passage of time to maintain a calendar and clock.
• Ultra low power design to support battery powered systems.
• Provides Seconds, Minutes, Hours, Day of Month, Month, Year, Day of Week, and
Day of Year.
• Dedicated power supply pin can be connected to a battery or to the main 3.3 V.
• Periodic interrupts can be generated from increments of any field of the time registers.
• Backup registers (20 bytes) powered by VBAT.
• RTC power supply is isolated from the rest of the chip.
7.35 Event monitor/recorder
The event monitor/recorder allows recording of tampering events in sealed product
enclosures. Sensors report any attempt to open the enclosure, or to tamper with the
device in any other way. The event monitor/recorder stores records of such events when
the device is powered only by the backup battery.
7.35.1 Features
• Supports three digital event inputs in the VBAT power domain.
• An event is defined as a level change at the digital event inputs.
• For each event channel, two timestamps mark the first and the last occurrence of an
event. Each channel also has a dedicated counter tracking the total number of events.
Timestamp values are taken from the RTC.
• Runs in VBAT power domain, independent of system power supply. The
event/recorder/monitor can therefore operate in Deep power-down mode.
• Very low power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com