Electronic Components Datasheet Search
  English  ▼

X  

LPC4088 Datasheet(PDF) 98 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU;
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 94Page - NXP Semiconductors LPC4088 Datasheet HTML 95Page - NXP Semiconductors LPC4088 Datasheet HTML 96Page - NXP Semiconductors LPC4088 Datasheet HTML 97Page - NXP Semiconductors LPC4088 Datasheet HTML 98Page - NXP Semiconductors LPC4088 Datasheet HTML 99Page - NXP Semiconductors LPC4088 Datasheet HTML 100Page - NXP Semiconductors LPC4088 Datasheet HTML 101Page - NXP Semiconductors LPC4088 Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 123 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 17 September 2012
98 of 123
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
[1]
CL = 10 pF; results from measurements on silicon samples over process corners and over the full temperature range Tamb = -40 C to
+85
C.
[2]
Input hysteresis is relative to the reference input channel and is software programmable.
Table 30.
Comparator characteristics
VDDA= 3.0 V and Tamb = 25 C unless noted otherwise.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
IDD
supply current
-
55
-
A
VIC
common-mode input voltage
0
-
VDDA
V
DVO
output voltage variation
0
-
VDDA
V
Voffset
offset voltage
VIC = 0.1 V
-
4 to +4.2 -
mV
VIC = 1.5 V
-
2-
mV
VIC = 2.8 V
-
2.5
mV
Dynamic characteristics
tstartup
start-up time
nominal process
-
4
-
s
tPD
propagation delay
HIGH to LOW; VDDA = 3.3 V;
VIC = 0.1 V; 50 mV overdrive input
[1]
122
130
142
ns
VIC = 0.1 V; rail-to-rail input
[1]
173
189
233
ns
VIC = 1.5 V; 50 mV overdrive input
[1]
101
108
119
ns
VIC = 1.5 V; rail-to-rail input
[1]
114
127
162
ns
VIC = 2.9 V; 50 mV overdrive input
[1]
123
134
143
ns
VIC = 2.9 V; rail-to-rail input
[1]
79
91
120
ns
tPD
propagation delay
LOW to HIGH; VDDA = 3.3 V;
VIC = 0.1 V; 50 mV overdrive input
[1]
221
232
254
ns
VIC = 0.1 V; rail-to-rail input
[1]
59
63
68
ns
VIC = 1.5 V; 50 mV overdrive input
[1]
183
229
249
ns
VIC = 1.5 V; rail-to-rail input
[1]
147
174
213
ns
VIC = 2.9 V; 50 mV overdrive input
[1]
171
192
216
ns
VIC = 2.9 V; rail-to-rail input
[1]
235
305
450
ns
Vhys
hysteresis voltage
positive hysteresis; VDDA = 3.0 V;
VIC = 1.5 V
[2]
-
5, 10, 20
-
mV
Vhys
hysteresis voltage
negative hysteresis; VDDA = 3.0 V;
VIC = 1.5 V
[2]
-
5, 10, 20
-
mV
Rlad
ladder resistance
-
-
1.034
-
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com