Electronic Components Datasheet Search
  English  ▼

X  

LPC4088 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU;
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 34Page - NXP Semiconductors LPC4088 Datasheet HTML 35Page - NXP Semiconductors LPC4088 Datasheet HTML 36Page - NXP Semiconductors LPC4088 Datasheet HTML 37Page - NXP Semiconductors LPC4088 Datasheet HTML 38Page - NXP Semiconductors LPC4088 Datasheet HTML 39Page - NXP Semiconductors LPC4088 Datasheet HTML 40Page - NXP Semiconductors LPC4088 Datasheet HTML 41Page - NXP Semiconductors LPC4088 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 123 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 17 September 2012
38 of 123
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
[1]
PU = internal pull-up enabled (for VDD(REG)(3V3) = 3.3 V, pulled up to 3.3 V); IA = inactive, no pull-up/down enabled; F = floating; floating
pins, if not used, should be tied to ground or power to minimize power consumption.
[2]
I = Input; O = Output; G = Ground; S = Supply.
[3]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis.
[4]
5 V tolerant standard pad (5 V tolerant if VDD(3V3) present; if VDD(3V3) not present, do not exceed 3.6 V) providing digital I/O functions with
TTL levels and hysteresis. This pad can be powered by VBAT.
[5]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis and analog input. When configured as a ADC input, digital
section of the pad is disabled.
[6]
5 V tolerant fast pad (5 V tolerant if VDD(3V3) present; if VDD(3V3) not present, do not exceed 3.6 V) providing digital I/O functions with TTL
levels and hysteresis.
[7]
5 V tolerant pad providing digital I/O with TTL levels and hysteresis and analog output function. When configured as the DAC output,
digital section of the pad is disabled.
[8]
Open-drain 5 V tolerant digital I/O pad, compatible with I2C-bus 400 kHz specification. It requires an external pull-up to provide output
functionality. When power is switched off, this pin connected to the I2C-bus is floating and does not disturb the I2C lines. Open-drain
configuration applies to all functions on this pin.
[9]
Not 5 V tolerant. Pad provides digital I/O and USB functions. It is designed in accordance with the USB specification, revision 2.0
(Full-speed and Low-speed mode only).
[10] 5 V tolerant pad with 5 ns glitch filter providing digital I/O functions with TTL levels and hysteresis.
VREFP
24
K1
G2
17
10
S
ADC positive reference voltage: This should be the same
voltage as VDDA, but should be isolated to minimize noise
and error. The voltage level on this pin is used as a
reference for ADC and DAC. Tie this pin to 3.3 V if the
ADC and DAC are not used.
VSS
33,
63,
77,
93,
114,
133,
148,
169,
189,
200
L3,
T5,
R9,
P12,
N16,
H14,
E15,
A12,
B6,
A2
H4,
P4,
L9,
L13,
G13,
D13,
C11,
B4
44,
65,
79,
103,
117,
139
24,
43,
57,
78
G
Ground: 0 V reference for digital IO pins.
VSSREG
32,
84,
172
D12,
K4,
P10
H3,
L8,
A10
22,
59,
119
33,
66
G
Ground: 0 V reference for internal logic.
VSSA
22
J2
F3
15
9
G
Analog ground: 0 V power supply and reference for the
ADC and DAC. This should be the same voltage as VSS,
but should be isolated to minimize noise and error.
XTAL1
44
M4
L2
31
19
[14]
[16]
I
Input to the oscillator circuit and internal clock generator
circuits.
XTAL2
46
N4
K4
33
20
[14]
[16]
O
Output from the oscillator amplifier.
Table 3.
Pin description …continued
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, comparator pins) and Table 5
(EMC pins).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com