Electronic Components Datasheet Search
  English  ▼

X  

LPC4088 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LPC4088
Description  32-bit ARM Cortex-M4 MCU;
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC4088 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LPC4088 Datasheet HTML 60Page - NXP Semiconductors LPC4088 Datasheet HTML 61Page - NXP Semiconductors LPC4088 Datasheet HTML 62Page - NXP Semiconductors LPC4088 Datasheet HTML 63Page - NXP Semiconductors LPC4088 Datasheet HTML 64Page - NXP Semiconductors LPC4088 Datasheet HTML 65Page - NXP Semiconductors LPC4088 Datasheet HTML 66Page - NXP Semiconductors LPC4088 Datasheet HTML 67Page - NXP Semiconductors LPC4088 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 123 page
background image
LPC408X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 17 September 2012
64 of 123
NXP Semiconductors
LPC408x/7x
32-bit ARM Cortex-M4 microcontroller
On wake-up from Deep-sleep mode, the code execution and peripherals activities will
resume after four cycles expire if the IRC was used before entering Deep-sleep mode. If
the main external oscillator was used, the code execution will resume when 4096 cycles
expire. PLL and clock dividers need to be reconfigured accordingly.
7.36.4.3
Power-down mode
Power-down mode does everything that Deep-sleep mode does but also turns off the
power to the IRC oscillator and the flash memory. This saves more power but requires
waiting for resumption of flash operation before execution of code or data access in the
flash memory can be accomplished.
When the chip enters Power-down mode, the IRC, the main oscillator, and all clocks are
stopped. The RTC remains running if it has been enabled and RTC interrupts may be
used to wake up the CPU. The flash is forced into Power-down mode. The PLLs are
automatically turned off and the clock selection multiplexers are set to use the system
clock sysclk (the reset state). The clock divider control registers are automatically reset to
zero. If the Watchdog timer is running, it will continue running in Power-down mode.
On the wake-up of Power-down mode, if the IRC was used before entering Power-down
mode, it will take IRC 60
s to start-up. After this four IRC cycles will expire before the
code execution can then be resumed if the code was running from SRAM. In the
meantime, the flash wake-up timer then counts 12 MHz IRC clock cycles to make the
100
s flash start-up time. When it times out, access to the flash will be allowed. Users
need to reconfigure the PLL and clock dividers accordingly.
7.36.4.4
Deep power-down mode
The Deep power-down mode can only be entered from the RTC block. In Deep
power-down mode, power is shut off to the entire chip with the exception of the RTC
module and the RESET pin.
To optimize power conservation, the user has the additional option of turning off or
retaining power to the 32 kHz oscillator. It is also possible to use external circuitry to turn
off power to the on-chip regulator via the VDD(REG)(3V3) pins and/or the I/O power via the
VDD(3V3) pins after entering Deep Power-down mode. Power must be restored before
device operation can be restarted.
The LPC408x/7x can wake up from Deep power-down mode via the RESET pin or an
alarm match event of the RTC.
7.36.4.5
Wake-up Interrupt Controller (WIC)
The WIC allows the CPU to automatically wake up from any enabled priority interrupt that
can occur while the clocks are stopped in Deep-sleep, Power-down, and Deep
power-down modes.
The WIC works in connection with the Nested Vectored Interrupt Controller (NVIC). When
the CPU enters Deep-sleep, Power-down, or Deep power-down mode, the NVIC sends a
mask of the current interrupt situation to the WIC.This mask includes all of the interrupts
that are both enabled and of sufficient priority to be serviced immediately. With this
information, the WIC simply notices when one of the interrupts has occurred and then it
wakes up the CPU.
The WIC eliminates the need to periodically wake up the CPU and poll the interrupts
resulting in additional power savings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com