Electronic Components Datasheet Search
  English  ▼

X  

CDH2D09 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 6Page - Maxim Integrated Products CDH2D09 Datasheet HTML 7Page - Maxim Integrated Products CDH2D09 Datasheet HTML 8Page - Maxim Integrated Products CDH2D09 Datasheet HTML 9Page - Maxim Integrated Products CDH2D09 Datasheet HTML 10Page - Maxim Integrated Products CDH2D09 Datasheet HTML 11Page - Maxim Integrated Products CDH2D09 Datasheet HTML 12Page - Maxim Integrated Products CDH2D09 Datasheet HTML 13Page - Maxim Integrated Products CDH2D09 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
10
______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Line Regulation
PWM mode (Note 9)
1
%/D
p-Channel Current-Limit
Threshold
0.555
0.615
0.675
A
Skip Mode Transition Current
(Note 10)
60
mA
n-Channel Zero-Crossing
Threshold
10
mA
p-Channel On-Resistance
VPV3 = 4V, ILX3 = 180mA
230
460
m
Ω
n-Channel On-Resistance
VPV3 = 4V, ILX3 = 180mA
120
210
m
Ω
Maximum Duty Cycle
100
%
Minimum Duty Cycle
PWM mode
12.5
%
Internal Oscillator Frequency
1.8
2.0
2.2
MHz
Internal Discharge Resistance in
Shutdown
EN = low, resistance from LX3 to PG3
0.5
1.0
2.0
k
Ω
REG4—LINEAR REGULATOR
PV4 Operating Range
VPV4
1.7
VSYS
V
PV4 Undervoltage Lockout
Threshold
VPV4 rising, 100mV hysteresis
1.55
1.60
1.65
V
FB4 Voltage
No load
0.582
0.600
0.618
V
TA = +25°C
-50
-5
+50
FB4 Leakage Current
VFB4 = 0.6V
TA = +85°C
-5
nA
PV4 to OUT4, VPV4 = 3.3V
0.45
Drop-Out Resistance
PV4 to OUT4, VPV4 = 2.0V
0.75
1.8
Ω
VFB4 = 0.54V
200
230
265
Current Limit
VFB4 = 0V
235
mA
Output Noise
10Hz to 100kHz;
COUT4 = 3.3µF, IOUT4 = 10mA, VPV4 = 2V,
VOUT4 set for 1.8V
120
µVRMS
f = 1kHz, IOUT4 = 10mA, VPV4 = 2V,
VOUT4 set for 1.8V
67
PSRR
f = 10kHz, IOUT4 = 10mA, VPV4 = 2V,
VOUT4 set for 1.8V
50
dB
Internal Discharge Resistance in
Shutdown
EN = low, resistance from OUT4 to AGND
0.5
1.0
2.0
k
Ω
ELECTRICAL CHARACTERISTICS (continued)
(DC, USB, BVSET, UOK, DOK, LX_ unconnected; VTHM = VL/2, VPG_ = VAGND = 0V, VBAT = 4V, CEN = low, USUS = low, EN = high,
VPEN1 = VPEN2 = 3.3V, VPWM = 0V, COUT4 = 1µF, COUT5 = 1µF, CSYS = 10µF, PV1 = PV2 = PV3 = PV4 = PV5 = SYS, RDISET = 3kΩ,
RCISET = 3kΩ, CVL = 0.1µF, CCT = 0.15µF, CBP = 0.01µF, VFB1 = 1.1V, VFB2 = 1.1V, VFB3 = 1.1V, TA = -40°C to +85°C, unless other-
wise noted.) (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com