Electronic Components Datasheet Search
  English  ▼

X  

CDH2D09 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 11Page - Maxim Integrated Products CDH2D09 Datasheet HTML 12Page - Maxim Integrated Products CDH2D09 Datasheet HTML 13Page - Maxim Integrated Products CDH2D09 Datasheet HTML 14Page - Maxim Integrated Products CDH2D09 Datasheet HTML 15Page - Maxim Integrated Products CDH2D09 Datasheet HTML 16Page - Maxim Integrated Products CDH2D09 Datasheet HTML 17Page - Maxim Integrated Products CDH2D09 Datasheet HTML 18Page - Maxim Integrated Products CDH2D09 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
______________________________________________________________________________________
15
2ms/div
USB CONNECT (NO SYS LOAD)
VUSB
IUSB
2V/div
500mA/div
5V/div
5V/div
MAX8671X toc14
VUOK
VSYS
IBAT
4.0V
500mA/div
4.14V
-475mA CHARGING
0mA
0mA LOAD ON SYS, 4.0V BATTERY, 5.0V USB INPUT
Typical Operating Characteristics (continued)
(Circuit of Figure 1, IVL = 0mA, TA = +25°C, unless otherwise noted.)
2ms/div
USB CONNECT (50mA SYS LOAD)
VUSB
IUSB
2V/div
500mA/div
5V/div
5V/div
MAX8671X toc15
VUOK
VSYS
IBAT
4.0V
500mA/div
4.14V
-425mA CHARGING
+50mA
50mA LOAD ON SYS, 4.0V BATTERY, 5.0V USB INPUT
2ms/div
USB DISCONNECT (50mA SYS LOAD)
VUSB
IUSB
2V/div
500mA/div
5V/div
5V/div
MAX8671X toc16
VUOK
VSYS
IBAT
4.0V
500mA/div
4.14V
-425mA CHARGING
50mA LOAD ON SYS, 4.0V BATTERY, 5.0V USB INPUT
+50mA
400
μs/div
USB SUSPEND
VUSB
IUSB
5V/div
2V/div
500mA/div
5V/div
5V/div
MAX8671X toc17
VCST1
VCST2
VSYS
IBAT
4.0V
500mA/div
4.14V
50mA LOAD ON SYS, 4.0V BATTERY, 5.0V USB INPUT
+50mA
-425mA
400
μs/div
USB RESUME
VUSUS
IUSB
5V/div
2V/div
500mA/div
5V/div
5V/div
MAX8671X toc18
VCST1
VCST2
VSYS
IBAT
4.0V
500mA/div
4.14V
50mA LOAD ON SYS, 4.0V BATTERY, 5.0V USB INPUT
+50mA
-425mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com