Electronic Components Datasheet Search
  English  ▼

X  

CDH2D09 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 7Page - Maxim Integrated Products CDH2D09 Datasheet HTML 8Page - Maxim Integrated Products CDH2D09 Datasheet HTML 9Page - Maxim Integrated Products CDH2D09 Datasheet HTML 10Page - Maxim Integrated Products CDH2D09 Datasheet HTML 11Page - Maxim Integrated Products CDH2D09 Datasheet HTML 12Page - Maxim Integrated Products CDH2D09 Datasheet HTML 13Page - Maxim Integrated Products CDH2D09 Datasheet HTML 14Page - Maxim Integrated Products CDH2D09 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
______________________________________________________________________________________
11
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
REG5—LINEAR REGULATOR
PV5 Operating Range
VPV5
1.7
VSYS
V
PV5 Undervoltage Lockout
Threshold
VPV5 rising, 100mV hysteresis
1.55
1.60
1.65
V
FB5 Voltage
No load
0.582
0.600
0.618
V
TA = +25°C
-50
-5
+50
FB5 Leakage Current
VFB5 = 0.6V
TA = +85°C
-5
nA
VPV5 to OUT5, VPV5 = 3.3V
0.45
Drop-Out Resistance
VPV5 to OUT5, VPV5 = 2.0V
0.75
1.8
Ω
VFB5 = 0.54V
200
230
265
Current Limit
VFB5 = 0V
235
mA
Output Noise
10Hz to 100kHz,
COUT5 = 2.2µF, IOUT5 = 10mA, VPV5 = 3.5V,
VOUT5 set for 3.3V
180
µVRMS
f = 1kHz, IOUT5 = 10mA, VPV5 = 3.5V,
VOUT5 set for 3.3V
62
PSRR
f = 10kHz, IOUT5 = 10mA, VPV5 = 3.5V,
VOUT5 set for 3.3V
44
dB
Internal Discharge Resistance in
Shutdown
EN = low, resistance from OUT5 to AGND
0.5
1.0
2.0
k
Ω
VL—LINEAR REGULATOR
VL Voltage
VVL
IVL = 0mA to 3mA
3.0
3.3
3.6
V
LOGIC (UOK, DOK, PEN1, PEN2, USUS, CEN, CST1, CST2, EN, PWM)
Logic Input-Voltage Low
VUSB or VDC = 4.1V to 6.6V, VSYS = 2.6V to
5.5V
0.6
V
Logic Input-Voltage High
VUSB or VDC = 4.1V to 6.6V, VSYS = 2.6V to
5.5V
1.3
V
TA = +25°C
0.001
1
Logic Input Leakage Current
VLOGIC = 0V to 5.5V
TA = +85°C
0.01
µA
Logic Output-Voltage Low
ISINK = 1mA
10
30
mV
TA = +25°C
0.001
1
Logic Output-High Leakage
Current
VLOGIC = 5.5V
TA = +85°C
0.01
µA
TRI-STATE INPUT (BVSET)
BVSET Input-Voltage Low
VUSB or VDC = 4.1V to 6.6V
0.3
V
BVSET Input-Voltage Mid
VUSB or VDC = 4.1V to 6.6V
1.2
VVL -
1.2
V
ELECTRICAL CHARACTERISTICS (continued)
(DC, USB, BVSET, UOK, DOK, LX_ unconnected; VTHM = VL/2, VPG_ = VAGND = 0V, VBAT = 4V, CEN = low, USUS = low, EN = high,
VPEN1 = VPEN2 = 3.3V, VPWM = 0V, COUT4 = 1µF, COUT5 = 1µF, CSYS = 10µF, PV1 = PV2 = PV3 = PV4 = PV5 = SYS, RDISET = 3kΩ,
RCISET = 3kΩ, CVL = 0.1µF, CCT = 0.15µF, CBP = 0.01µF, VFB1 = 1.1V, VFB2 = 1.1V, VFB3 = 1.1V, TA = -40°C to +85°C, unless other-
wise noted.) (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com