Electronic Components Datasheet Search
  English  ▼

X  

CDH2D09 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 8Page - Maxim Integrated Products CDH2D09 Datasheet HTML 9Page - Maxim Integrated Products CDH2D09 Datasheet HTML 10Page - Maxim Integrated Products CDH2D09 Datasheet HTML 11Page - Maxim Integrated Products CDH2D09 Datasheet HTML 12Page - Maxim Integrated Products CDH2D09 Datasheet HTML 13Page - Maxim Integrated Products CDH2D09 Datasheet HTML 14Page - Maxim Integrated Products CDH2D09 Datasheet HTML 15Page - Maxim Integrated Products CDH2D09 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
12
______________________________________________________________________________________
Note 2: Limits are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed through cor-
relation using statistical quality control (SQC) methods.
Note 3: The USB/DC current limit does not include the VL output current. See the
VL Linear Regulator section for more information.
Note 4: Quiescent current excludes the energy needed for the REG1–REG5 external resistor-dividers. All typical operating charac-
teristics include the energy for the REG1–REG5 external resistor-dividers. For the circuit of Figure 1, the typical quiescent
current with DC and USB unconnected, EN = high, VBAT = 4V, and PWM = low is 175µA.
Note 5: The charger transitions from done to fast-charge mode at this BAT recharge threshold (Figure 7).
Note 6: The charger transitions from fast-charge to top-off mode at this top-off threshold (Figure 7).
Note 7: The maximum output current is guaranteed by correlation to the p-channel current-limit threshold, p-channel on-resistance,
n-channel on-resistance, oscillator frequency, input voltage range, and output voltage range. The parameter is stated for a
4.7µH inductor with 0.13
Ω series resistance. See the Step-Down Converter Output Current section for more information.
Note 8: The step-down output voltages are 1% high with no load due to the load-line architecture. When calculating the external
resistor-dividers, use an FB_ voltage of 1.000V.
Note 9: Line regulation for the step-down converters is measured as
ΔVOUT/ΔD, where D is the duty cycle (approximately
VOUT/VIN).
Note 10: The skip mode current threshold is the transition point between fixed-frequency PWM operation and skip mode operation.
The specification is given in terms of output load current for inductor values shown in the typical application circuits.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BVSET Input-Voltage High
VUSB or VDC = 4.1V to 6.6V
VVL -
0.3
VVL +
0.3
V
Internal BVSET Pullup Resistance
52.5
k
Ω
External BVSET Pulldown
Resistance for Midrange Voltage
RBVSET
45
50
55
k
Ω
ELECTRICAL CHARACTERISTICS (continued)
(DC, USB, BVSET, UOK, DOK, LX_ unconnected; VTHM = VL/2, VPG_ = VAGND = 0V, VBAT = 4V, CEN = low, USUS = low, EN = high,
VPEN1 = VPEN2 = 3.3V, VPWM = 0V, COUT4 = 1µF, COUT5 = 1µF, CSYS = 10µF, PV1 = PV2 = PV3 = PV4 = PV5 = SYS, RDISET = 3kΩ,
RCISET = 3kΩ, CVL = 0.1µF, CCT = 0.15µF, CBP = 0.01µF, VFB1 = 1.1V, VFB2 = 1.1V, VFB3 = 1.1V, TA = -40°C to +85°C, unless other-
wise noted.) (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com