Electronic Components Datasheet Search
  English  ▼

X  

CDH2D09 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 13Page - Maxim Integrated Products CDH2D09 Datasheet HTML 14Page - Maxim Integrated Products CDH2D09 Datasheet HTML 15Page - Maxim Integrated Products CDH2D09 Datasheet HTML 16Page - Maxim Integrated Products CDH2D09 Datasheet HTML 17Page - Maxim Integrated Products CDH2D09 Datasheet HTML 18Page - Maxim Integrated Products CDH2D09 Datasheet HTML 19Page - Maxim Integrated Products CDH2D09 Datasheet HTML 20Page - Maxim Integrated Products CDH2D09 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
______________________________________________________________________________________
17
Typical Operating Characteristics (continued)
(Circuit of Figure 1, IVL = 0mA, TA = +25°C, unless otherwise noted.)
REG1 EFFICIENCY vs. LOAD CURRENT
LOAD CURRENT (mA)
100
10
10
20
30
40
50
60
70
80
90
100
0
1
1000
PWM = 0
VOUT1 = 2.8V
PWM = 1
VOUT1 = 2.8V
VBATT = 4V
2.700
2.760
2.740
2.720
2.780
2.800
2.820
2.840
2.860
2.880
2.900
0
100
50
150
200
250
REG1 LOAD REGULATION
OUTPUT CURRENT (mA)
RFBH = 182k
Ω
RFBL = 100k
Ω
4
μs/div
REG1 LIGHT-LOAD SWITCHING
WAVEFORMS (PWM = 0)
VOUT1
VLX1
ILI
MAX8671X toc26
200mA/div
0
0
2V/div
20mV/div
(AC-COUPLED)
20mA LOAD
200ns/div
REG1 LIGHT-LOAD SWITCHING
WAVEFORMS (PWM = 1)
VOUT1
VLX1
ILI
MAX8671X toc27
100mA/div
0
0
2V/div
10mV/div
20mA LOAD
400ns/div
REG1 HEAVY-LOAD SWITCHING
WAVEFORMS
VOUT1
VLX1
ILI
MAX8671X toc28
100mA/div
0
0
2V/div
10mV/div
(AC-COUPLED)
20mA LOAD
100
μs/div
REG1 LINE TRANSIENT
VSYS
VOUT1
MAX8671X toc29
20mV/div
2V/div
25mA LOAD
3.3V
5.3V
3.3V
20
μs/div
REG1 LOAD TRANSIENT
IOUT1
VOUT1
MAX8671X toc30
100mA/div
50mV/div
(AC-COUPLED)
250mA
25mA
25mA
0
60
40
20
80
100
120
140
160
180
200
0
200
100
300
400
500
REG1 DROPOUT VOLTAGE
vs. LOAD CURRENT
OUTPUT CURRENT (mA)
VOUT1 = 3.3V
VOUT1 = 2.8V
THE NOMINAL INDUCTOR DC RESISTANCE
IS 140m
Ω. THE NOMINAL p-CHANNEL
RESISTANCE OF THE REGULATOR IS
200m
Ω AT 2.8V AND 185mΩ AT 3.3V.
THE SLOPE OF THE LINE SHOWS
THAT THE TOTAL DROPOUT
RESISTANCE OF AN AVERAGE
PART, BOARD, INDUCTOR
COMBINATION IS
330m
Ω AT 3.3V
AND 354m
Ω
AT 2.8V.
SYS IS 100mV BELOW THE
REG1 NOMINAL REGULATION
VOLTAGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com