Electronic Components Datasheet Search
  English  ▼

X  

CDH2D09 Datasheet(PDF) 34 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 30Page - Maxim Integrated Products CDH2D09 Datasheet HTML 31Page - Maxim Integrated Products CDH2D09 Datasheet HTML 32Page - Maxim Integrated Products CDH2D09 Datasheet HTML 33Page - Maxim Integrated Products CDH2D09 Datasheet HTML 34Page - Maxim Integrated Products CDH2D09 Datasheet HTML 35Page - Maxim Integrated Products CDH2D09 Datasheet HTML 36Page - Maxim Integrated Products CDH2D09 Datasheet HTML 37Page - Maxim Integrated Products CDH2D09 Datasheet HTML 38Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
34
______________________________________________________________________________________
Step-Down Inductor
Choose the step-down regulator inductance to be
4.7µH. The minimum recommended saturation current
requirement is 600mA. In PWM mode, the peak induc-
tor currents are equal to the load current plus one half
of the inductor ripple current. The MAX8671X works
well with physically small inductors. See Table 6 for
suggested inductors.
The peak-to-peak inductor ripple current during PWM
operation is calculated as follows:
where fS is the 2MHz switching frequency.
The peak inductor current during PWM operation is cal-
culated as follows:
Step-Down Converter Output Current
The three MAX8671X step-down regulators each pro-
vide at least 425mA of output current when using a rec-
ommended inductor (Table 6). To calculate the
maximum output current for a particular application and
inductor use the following two-step process (as shown
in Figure 10):
1) Use the following equation to calculate the approxi-
mate duty cycle (D):
where:
VOUT = output voltage
IOUTTAR = target (desired) output current—cannot
be more than the minimum p-channel current-limit
threshold
RN = n-channel on-resistance
RP = p-channel on-resistance
RL = external inductor’s ESR
VIN = input voltage—MAXIMUM
2) Use the following equation to calculate the maximum
output current (IOUTMAX):
where:
ILIM = p-channel current-limit threshold—MINIMUM
VOUT = output voltage
D = approximate duty cycle derived from step 1
f = oscillator frequency—MINIMUM
L = external inductor’s inductance—MINIMUM
RN = n-channel on-resistance
RL = external inductor’s ESR
I
I
VD
fL
RR
D
fL
OUTMAX
LIM
OUT
NL
=
−
−
××
++
−
××
()
()
1
2
1
1
2
D
VI
R
R
VI
R
R
OUT
OUTTAR
N
L
IN
OUTTAR
N
P
=
++
+−
()
()
II
I
L PEAK
LOAD
PP
_
=+ −
2
I
VV
V
Vf
L
PP
OUT
SYS
OUT
SYS
S
− =
−
××
()
MANUFACTURER
SERIES
INDUCTANCE
(µH)
ESR (
Ω)
CURRENT RATING
(mA)
DIMENSIONS (mm)
CDRH2D11HP
4.7
190
750
3.0 x 3.0 x 1.2 = 10.8mm
3
Sumida
CDH2D09
4.7
218
700
3.0 x 3.0 x 1.0 = 9.0mm
3
NR3012
4.7
130
770
3.0 x 3.0 x 1.2 = 10.8mm
3
Taiyo Yuden
NR3010
4.7
190
750
3.0 x 3.0 x 1.0 = 9.0mm
3
VLF3012
4.7
160
740
2.8 x 2.6 x 1.2 = 8.7mm
3
TDK
VLF3010
4.7
240
700
2.8 x 2.6 x 1.0 = 7.3mm
3
DE2812C
4.7
130
880
3.0 x 2.8 x 1.2 = 10.8mm
3
TOKO
DE2810C
4.7
180
640
3.0 x 2.8 x 1.0 = 8.4mm
3
Table 6. Suggested Inductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com