Electronic Components Datasheet Search
  English  ▼

X  

CDH2D09 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 15Page - Maxim Integrated Products CDH2D09 Datasheet HTML 16Page - Maxim Integrated Products CDH2D09 Datasheet HTML 17Page - Maxim Integrated Products CDH2D09 Datasheet HTML 18Page - Maxim Integrated Products CDH2D09 Datasheet HTML 19Page - Maxim Integrated Products CDH2D09 Datasheet HTML 20Page - Maxim Integrated Products CDH2D09 Datasheet HTML 21Page - Maxim Integrated Products CDH2D09 Datasheet HTML 22Page - Maxim Integrated Products CDH2D09 Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
______________________________________________________________________________________
19
Typical Operating Characteristics (continued)
(Circuit of Figure 1, IVL = 0mA, TA = +25°C, unless otherwise noted.)
2.534
2.540
2.538
2.536
2.542
2.544
2.546
2.548
2.550
2.552
2.554
050
100
150
REG4 LOAD REGULATION
OUTPUT CURRENT (mA)
RFBH = 316k
Ω
RFBL = 100k
Ω
VSYS = 4V
3.240
3.246
3.244
3.242
3.248
3.250
3.252
3.254
3.256
3.258
3.260
050
100
150
REG5 LOAD REGULATION
OUTPUT CURRENT (mA)
VUSB = 5V
100
μs/div
REG4 LINE TRANSIENT
VOUT4
VPV4
MAX8671X toc39
10mV/div
2V/div
3.3V
5.3V
3.3V
PV = SYS
13.4
Ω LOAD
40
μs/div
REG4 LOAD TRANSIENT
IOUT4
VOUT4
MAX8671X toc40
100mV/div
50mV/div
150mA
50mA
50mA
VPV4 = VSYS = 4V
VOUT4 = 2.5V
40
μs/div
REG5 LOAD TRANSIENT
IOUT5
VOUT5
MAX8671X toc42
100mV/div
50mV/div
150mA
50mA
50mA
VUSB = 5V,
VOUT5 = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com