Electronic Components Datasheet Search
  English  ▼

X  

CDH2D09 Datasheet(PDF) 37 Page - Maxim Integrated Products

Part # CDH2D09
Description  PMIC with Integrated Charger and Smart Power Selector for Handheld Devices
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

CDH2D09 Datasheet(HTML) 37 Page - Maxim Integrated Products

Back Button CDH2D09 Datasheet HTML 33Page - Maxim Integrated Products CDH2D09 Datasheet HTML 34Page - Maxim Integrated Products CDH2D09 Datasheet HTML 35Page - Maxim Integrated Products CDH2D09 Datasheet HTML 36Page - Maxim Integrated Products CDH2D09 Datasheet HTML 37Page - Maxim Integrated Products CDH2D09 Datasheet HTML 38Page - Maxim Integrated Products CDH2D09 Datasheet HTML 39Page - Maxim Integrated Products CDH2D09 Datasheet HTML 40Page - Maxim Integrated Products CDH2D09 Datasheet HTML 41Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
PMIC with Integrated Charger and
Smart Power Selector for Handheld Devices
______________________________________________________________________________________
37
The VL regulator is not controlled by EN. It is powered
from the higher of USB or DC and automatically powers
up when either of the power inputs exceeds approxi-
mately 1.5V. Similarly, VL automatically powers down
when both the USB and DC power inputs are removed.
Soft-Start/Inrush Current
The MAX8671X implements soft-start on many levels to
control inrush current, to avoid collapsing supply volt-
ages, and to fully comply with the USB 2.0 specifica-
tions. All USB, DC, and charging functions implement
soft-start. The USB and DC nodes only require 4.7µF of
input capacitance. Furthermore, all regulators imple-
ment soft-start to avoid transient overload of power
inputs (Figure 12).
VEN
VOUT1
VOUT2
VVL
VUSB
INTERNAL
DISCHARGE
RESISTORS
VSYS
VBAT
VBAT
tSS5
VUOK
HIGH-Z
VDC
VOUT3
VOUT4
VOUT5
HIGH-Z
VDOK
HIGH-Z
HIGH-Z
VBAT < VSYS < (VUSB OR VDC)
tSS4
tD3
tSS3
tD2
tSS2
tSS1
tD1
Figure 12. Enable and Disable Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com