Electronic Components Datasheet Search
  English  ▼

X  

C320 Datasheet(PDF) 14 Page - Kemet Corporation

Part # C320
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C320 Datasheet(HTML) 14 Page - Kemet Corporation

Back Button C320 Datasheet HTML 10Page - Kemet Corporation C320 Datasheet HTML 11Page - Kemet Corporation C320 Datasheet HTML 12Page - Kemet Corporation C320 Datasheet HTML 13Page - Kemet Corporation C320 Datasheet HTML 14Page - Kemet Corporation C320 Datasheet HTML 15Page - Kemet Corporation C320 Datasheet HTML 16Page - Kemet Corporation C320 Datasheet HTML 17Page - Kemet Corporation C320 Datasheet HTML 18Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
14
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
14
Ceramic Capacitors
Open Mode Design • X7R Dielectric • 16VDC–200VDC
(Commercial & Automotive Grade) Available with Flexible Termination System (FO-CAP)
Floating Electrode Design (FE-CAP) • X7R Dielectric • 6.3VDC–250VDC
(Commercial & Automotive Grade)
Flexible Termination System (FT-CAP) • X7R, X8L Dielectrics • 6.3VDC–3000VDC
(Commercial & Automotive Grades)
Size Code
EIA/Metric
Capacitance Range
Voltage Range
(VDC)
Benefits
0805/2012
1000pF - 0.68µF
16 - 200
-55°C to +125°C operating temperature range
Available with Flexible Termination System (FO-CAP)
Commercial and Automotive (AEC-Q200) Grades available
Open Mode/fail open design
Mid to high capacitance flex mitigation
Pb-Free and RoHS-compliant (excluding SnPb end metallization option)
Non-polar device, minimizing installation concerns
100% pure matte tin-plated end metallization allowing for excellent
solderability
SnPb end metallization option available upon request (5% min)
•
•
•
•
•
•
•
•
•
1206/3216
0.018µF - 4.µF
16 - 200
1210/3225
0.068µF - 6.8µF
16 - 200
1812/4532
0.04µF - 4.µF
25 - 200
Size Code
EIA/Metric
Capacitance Range
Voltage Range
(VDC)
Benefits
0402/1005
150pF - 1000pF
6.3 - 50
-55°C to +125°C operating temperature range
Commercial and Automotive (AEC-Q200) Grades available
Floating Electrode/fail open design
Low to mid capacitance flex mitigation
Pb-Free and RoHS-compliant (excluding SnPb end metallization option)
Non-polar device, minimizing installation concerns
100% pure matte tin-plated end metallization allowing for excellent
solderability
SnPb end metallization option available upon request (5% min)
•
•
•
•
•
•
•
•
0603/1608
180pF - 0.022µF
6.3 - 200
0805/2012
180pF - 0.10µF
6.3 - 250
1206/3216
1000pF - 0.12µF
6.3 - 250
1210/3225
2200pF - 0.22µF
6.3 - 250
1812/4532
6800pF - 0.22µF
6.3 - 250
Size Code
EIA/Metric
Capacitance Range
Voltage Range
(VDC)
Benefits
0603/1608
X8L - 0.04µF - 0.22µF
XR - 180pF - 0.4µF
10 - 50
6.3 - 200
General (All Dielectrics)
Superior flex performance (up to 5mm)
High capacitance flex mitigation
Commercial and Automotive (AEC-Q200) Grades available
Pb-Free and RoHS compliant (excluding SnPb end metallization option)
Non-polar device, minimizing installation concerns
100% pure matte tin-plated end metallization allowing for excellent
solderability
SnPb end metallization option available upon request (5% min)
X8L Dielectric
-55°C to +150°C operating temperature range
XR Dielectric
-55°C to +125°C operating temperature range
•
•
•
•
•
•
•
•
•
0805/2012
X8L - 0.15µF - 1.0µF
XR - 180pF - 2.2µF
XR - 62pF - 0.012µF
10 - 50
6.3 - 250
500 - 1000
1206/3216
X8L - 0.4µF - 4.µF
XR - 1000pF - 10.0µF
XR - 5pF - 0.068µF
10 - 50
6.3 - 250
500 - 2000
1210/3225
X8L - 0.39µF - 10.0µF
XR - 2200pF - 22.0µF
XR - 130pF - 0.15µF
10 - 50
6.3 - 250
500 - 2000
1808/4520
XR - 400pF - 0.18µF
XR - 5pF - 0.15µF
50 - 200
500 - 3000
1812/4532
XR - 6800pF - 10.0uF
XR - 150pF - 0.33uF
25 - 250
500 - 3000
1825/4564
XR - 0.022µF - 2.2µF
XR - 330pF - 0.22µF
50 - 250
500 - 3000
2220/5650
XR - 0.04µF - 22.0µF
XR - 330pF - 0.22µF
25 - 250
50 - 3000
2225/5664
XR - 0.04µF - 2.2µF
XR - 40pF - 0.2µF
50 - 250
500 - 3000
Flex Mitigation Solutions • Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com