Electronic Components Datasheet Search
  English  ▼

X  

C320 Datasheet(PDF) 56 Page - Kemet Corporation

Part # C320
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C320 Datasheet(HTML) 56 Page - Kemet Corporation

Back Button C320 Datasheet HTML 52Page - Kemet Corporation C320 Datasheet HTML 53Page - Kemet Corporation C320 Datasheet HTML 54Page - Kemet Corporation C320 Datasheet HTML 55Page - Kemet Corporation C320 Datasheet HTML 56Page - Kemet Corporation C320 Datasheet HTML 57Page - Kemet Corporation C320 Datasheet HTML 58Page - Kemet Corporation C320 Datasheet HTML 59Page - Kemet Corporation C320 Datasheet HTML 60Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
56
56
Tantalum Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
125°C Rated Polymer Tantalum Series
Series
Case Size
KEMET/EIA
Dimensions
L x W x H (mm)
Capacitance Range
Benefits
T525
T/3528-12
B/3528-21
D/343-31
Y/343-40
3.5 x 2.8 x 1.2
3.5 x 2.8 x 1.9
.3 x 4.3 x 2.8
.3 x 4.3 x 4.0
33µF - 100µF
33µF - 150µF
4µF - 680µF
330µF - 40µF
KEMET organic with polymer cathode
2.5 - 16 Volts
±20% capacitance tolerance
125°C maximum operating temperature
RoHS-compliant
Available DSCC Drawing 04051
Automotive Grade available
•
•
•
•
•
•
•
Low ESL/Facedown Terminal Polymer Tantalum Series
Series
Case Size
KEMET/EIA
Dimensions
L x W x H (mm)
Capacitance Range
Benefits
T528
I/3216-10
M/3528-15
Z/343-1
W/343-15
K/3528-10
3.2 x 1.6 x 1.0
3.5 x 2.8 x 1.5
.3 x 4.3 x 1. max
.3 x 4.3 x 1.15 max
3.5 x 2.8 x 1.0 max
33µF - 100µF
100µF - 220µF
150µF - 330µF
150µF - 330µF
150µF - 220µF
Face down termination organic
Low profile
Low ESL < 0.nH @ 20MHz
2.5 - 10 Volts
±20% capacitance tolerance
RoHS-compliant
Lower ESR (≤ 5 mΩ)
•
•
•
•
•
•
•
High Capacitance/125°C Rated Polymer Tantalum Series
Series
Case Size
KEMET/EIA
Dimensions
L x W x H (mm)
Capacitance Range
Benefits
T530
D/343-31
Y/343-40
X/343-43
.3 x 4.3 x 2.8
.3 x 4.3 x 1.9
.3 x 4.3 x 4.0
150µF - 680µF
220µF - 1000µF
150µF - 1500µF
KEMET organic with polymer cathode
2.5 - 10 Volts
Ultra-low ESR (≤ 4mΩ available)
±20% capacitance tolerance
RoHS-compliant
Available DSCC Drawing 04052
•
•
•
•
•
•
Tantalum Surface Mount Capacitors • Low ESR Polymer (cont.)
Reduced Leakage Polymer Series
Series
Case Size
KEMET/EIA
Dimensions
L x W x H (mm)
Capacitance Range
Benefits
T522
V/343-20
Y/343-40
.3 x 4.3 x 2.0
.3 x 4.3 x 4.0
150µF - 330µF
40µF
KEMET organic with polymer cathode
Low ESR
RoHS-compliant
100% surge current test
100% accelerated steady state aging
Reduced leakage
•
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com