Electronic Components Datasheet Search
  English  ▼

X  

C320 Datasheet(PDF) 52 Page - Kemet Corporation

Part # C320
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C320 Datasheet(HTML) 52 Page - Kemet Corporation

Back Button C320 Datasheet HTML 48Page - Kemet Corporation C320 Datasheet HTML 49Page - Kemet Corporation C320 Datasheet HTML 50Page - Kemet Corporation C320 Datasheet HTML 51Page - Kemet Corporation C320 Datasheet HTML 52Page - Kemet Corporation C320 Datasheet HTML 53Page - Kemet Corporation C320 Datasheet HTML 54Page - Kemet Corporation C320 Datasheet HTML 55Page - Kemet Corporation C320 Datasheet HTML 56Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
52
Tantalum Capacitors
Tantalum capacitors are the leading choice when high capacitance is needed in the smallest possible size.
KEMET has been the foremost manufacturer of tantalum capacitors for over 50 years, and is constantly introducing
new innovations to meet changing demands. Offered in a variety of standard sizes, KEMET tantalum capacitors
are fully RoHS-compliant and compatible with modern solder processes including multiple Pb-Free reflow passes.
KEMET tantalum capacitors offer many advantages including low ESR, surge current robustness and multiple
operating temperature ranges. KEMET also offers a complete line of military and Commercial-Off-The-Shelf (COTS)
products as well as enhanced testing for space applications. While many applications use surface mount
technology, a complete line of through-hole tantalum capacitors are available for down-hole, military and other
demanding environments.
KEMET’s traditional MnO2 tantalum capacitors consist of a sintered anode of tantalum metal. This anode is porous,
thus providing increased surface area. An oxide layer is then formed, and this oxide layer becomes the capacitor
dielectric. The oxidized anode is impregnated with manganese dioxide to form the cathode.
Tantalum polymer capacitors are a newer variation which replaces the manganese dioxide cathode with a
solid conductive polymer cathode. KEMET polymer tantalum capacitors are recommended when very low ESR,
increased temperature stability, or benign failure mode is critical.
T495 - DSCC Drawing 95158E
T496 - DSCC Drawing 04053A
T525 - DSCC Drawing 04051
T530 - DSCC Drawing 04052
Tantalum Stack
MnO
2 (TSM)
T489 Low Leakage
Commercial
Tantalum Surface Mount Products
Standard Tantalum
T491 Commercial
Low ESR
MnO2
Polymer
T494 Commercial
(≥80 mΩ)
T495 Surge Robust
(≥30 mΩ)
T520 105°C
Rated Polymer
(≥6 mΩ)
T521
High Voltage Polymer
(≥25 mΩ)
T522
Low Leakage
Polymer
T510
High Capacitance
(≥10 mΩ)
T525 125°C
Rated Polymer
(≥25 mΩ)
T528 Low ESL
Facedown Terminal
Polymer (≥5 mΩ)
T530 High Capacitance
125°C Rated Polymer
(≥4 mΩ)
Tantalum Stack
Polymer (TSP)
High Temperature
T498 150°C Rated
T499 175°C Rated
High Reliability
Commercial-Off-The-
Shelf COTS)
T493 Military/
Aerospace COTS/Low
ESR Option CWR11
Case Sizes
T497 High Grade COTS
CWR09/19/29
Case Sizes
T540 Polymer COTS
T541 Polymer
COTS Multiple
Anode
T419 CWR19 Style
MIL-PRF-55365/11
MIL-PRF
(CWR Series)
T409 CWR09 Style
MIL-PRF-55365/4
T492 CWR11 Style
MIL-PRF-55365/8
T429 CWR29 Style
MIL-PRF-55365/8
Fused
T496 Series
Automotive Grade
T491 Commercial
T494 Commercial
(≥80 mΩ)
T489 Low Leakage
T495 Surge Robust
(≥30 mΩ)
T498 150°C Rated
T499 175°C Rated
T510 Multiple Anode
Low ESR MnO2
T525 125°C Rated
Polymer (≥25 mΩ)
Tantalum Through-Hole Products
Hermetically Sealed
Polar T110/T140
Series CSR13
Case Sizes
Radial Dipped
T35X Series
Standard Radial
Dipped
T32X Series
CX01/05 Style
MIL-PRF-49137/1 & 5
T363/T369
Series CX02/12
Style MIL-PRF-49137/2
T368 Series
High Capacitance
T396/T398 Series
“Fail Safe” Insertion
Polar T2XX Series
CSR/CSS Style
MIL-PRF-39003
Miniature T222
Series CSR09 Style
MIL-PRF-39003/2
GR500
High Reliability Series
Molded Radial
Molded Axial
T330/T340
Series Standard
Molded Radial
T370 Series
CX06 Case Sizes
T37X Series
CX06 Style
MIL-PRF-49137/6
DSCC Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com