Electronic Components Datasheet Search
  English  ▼

X  

C320 Datasheet(PDF) 55 Page - Kemet Corporation

Part # C320
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C320 Datasheet(HTML) 55 Page - Kemet Corporation

Back Button C320 Datasheet HTML 51Page - Kemet Corporation C320 Datasheet HTML 52Page - Kemet Corporation C320 Datasheet HTML 53Page - Kemet Corporation C320 Datasheet HTML 54Page - Kemet Corporation C320 Datasheet HTML 55Page - Kemet Corporation C320 Datasheet HTML 56Page - Kemet Corporation C320 Datasheet HTML 57Page - Kemet Corporation C320 Datasheet HTML 58Page - Kemet Corporation C320 Datasheet HTML 59Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
55
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
55
Tantalum Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Tantalum Surface Mount Capacitors • Low ESR MnO
2 (cont.)
Tantalum Stack MnO
2 (TSM) Series
Series
Case Size
KEMET/EIA
Dimensions
L x W x H (mm)
Capacitance Range
Benefits
TSM
2C
3C
4C
6C
2D
3D
4D
6D
2X
3X
4X
6X
6.5 x 3.3 x 5.3
6.5 x 3.3 x .8
6.5 x 6.6 x 5.3
6.5 x 6.6 x .8
8.0 x 4.4 x 6.2
8.0 x 4.4 x 9.2
8.0 x 8.9 x 6.2
8.0 x 8.9 x 9.2
8.0 x 4.4 x 8.9
8.0 x 4.4 x 13.3
8.0 x 8.9 x 8.9
8.0 x 8.9 x 13.3
20µF - 440µF
30µF - 660µF
40µF - 880µF
60µF - 1320µF
9.4µF - 660µF
14µF - 990µF
19µF - 1320µF
28µF - 1980µF
20µF - 660µF
30µF - 990µF
40µF - 1320µF
60µF - 1980µF
High capacitance
Surface mountable
Capacitance can be custom specified
Voltage ratings of 6 to 50 VDC
High volumetric efficiency
Ultra low ESR
Surge capability
Weibull failure options B and C
Operating temperature range of -55˚C to
+125˚C
•
•
•
•
•
•
•
•
•
Tantalum Surface Mount Capacitors • Low ESR Polymer
Polymer Tantalum Series
Series
Case Size
KEMET/EIA
Dimensions
L x W x H (mm)
Capacitance Range
Benefits
T520
A/3216-18
B/3528-21
C/6032-28
D/343-31
L/6032-19
Y/343-40
X/343-43
M/3528-15
T/3528-12
U/6032-15
W/343-15
V/343-20
3.2 x 1.6 x 1.6
3.5 x 2.8 x 1.9
6.0 x 3.2 x 2.5
.3 x 4.3 x 2.8
6.0 x 3.2 x 1.9
.3 x 4.3 x 4.0 max
.3 x 4.3 x 4.0
3.5 x 2.8 x 1.5
3.5 x 2.8 x 1.2 max
6.0 x 3.2 x 1.5 max
.3 x 4.3 x 1.5 max
.3 x 4.3 x 1.9 max
10µF - 100µF
33µF - 330µF
68µF - 330µF
15µF - 1000µF
100µF - 330µF
330µF - 1000µF
330µF - 1000µF
150µF - 330µF
15µF - 100µF
33µF - 220µF
33µF - 40µF
15µF - 40µF
KEMET organic with polymer cathode
2 - 25 Volts
±20% capacitance tolerance
RoHS-compliant
Low ESR (6 to 80mΩ)
High ripple handling
100% surge current test
100% accelerated steady state aging
•
•
•
•
•
•
•
•
High Voltage Polymer Tantalum Series
Series
Case Size
KEMET/EIA
Dimensions
L x W x H (mm)
Capacitance Range
Benefits
T521
D/343-31
V/343-20
X/343-43
.3 x 4.3 x 2.8
.3 x 4.3 x 1.9 max
.3 x 4.3 x 4.0
33µF - 100µF
15µF - 100µF
33µF - 330µF
KEMET organic with polymer cathode
Highest voltage polymer tantalum
16 - 35 Volts
Low ESR
RoHS-compliant
Suitable for 28V power rail
100% surge current test
100% accelerated steady state aging
•
•
•
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com