Electronic Components Datasheet Search
  English  ▼

X  

C320 Datasheet(PDF) 53 Page - Kemet Corporation

Part # C320
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C320 Datasheet(HTML) 53 Page - Kemet Corporation

Back Button C320 Datasheet HTML 49Page - Kemet Corporation C320 Datasheet HTML 50Page - Kemet Corporation C320 Datasheet HTML 51Page - Kemet Corporation C320 Datasheet HTML 52Page - Kemet Corporation C320 Datasheet HTML 53Page - Kemet Corporation C320 Datasheet HTML 54Page - Kemet Corporation C320 Datasheet HTML 55Page - Kemet Corporation C320 Datasheet HTML 56Page - Kemet Corporation C320 Datasheet HTML 57Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
53
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
53
Tantalum Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Tantalum Surface Mount Capacitors • Standard
T491 MnO
2 Series
(Industrial Grade)
Series
Case Size
KEMET/EIA
Dimensions
L x W x H (mm)
Capacitance Range
Benefits
T491
A/3216-18
B/3528-21
C/6032-28
D/343-31
X/343-43
E/260-38
3.2 x 1.6 x 1.6
3.5 x 2.8 x 1.9
6.0 x 3.2 x 2.5
.3 x 4.3 x 2.8
.3 x 4.3 x 4.0
.3 x 6.0 x 3.6
0.10µF - 220µF
0.15µF - 150µF
0.4µF - 330µF
1.5µF - 680µF
6.8µF - 1000µF
4µF - 1000µF
Industrial/Commercial Grade
2.5 - 50 Volts
±20%, ±10% capacitance tolerance
Tape and reel packaging
RoHS-compliant
•
•
•
•
•
T491 MnO
2 Series, Low Profile
(Industrial Grade)
Series
Case Size
KEMET/EIA
Dimensions
L x W x H (mm)
Capacitance Range
Benefits
T491
Low Profile
R/2012-12
S/3216-12
T/3528-12
U/6032-15
V/343-20
2.0 x 1.3 x 1.2
3.2 x 1.6 x 1.2
3.5 x 2.8 x 1.2
6.0 x 3.2 x 1.5
.3 x 4.3 x 2.0
1.0µF - 10µF
1.0µF - 22µF
3.3µF - 100µF
6.8µF - 100.µF
1.0µF - 330µF
Low profile
2.5 - 50 Volts
±20%, ±10% capacitance tolerance
Tape and reel packaging
RoHS-compliant
•
•
•
•
•
T489 Low Leakage MnO
2 Series
Series
Case Size
KEMET/EIA
Dimensions
L x W x H (mm)
Capacitance Range
Benefits
T489
Low
Leakage
A
B
C
D
X
3.2 x 1.6 x 1.6
3.5 x 2.8 x 1.9
6.0 x 3.2 x 2.5
.3 x 4.3 x 2.8
.3 x 4.3 x 4.0
0.1µF - 15µF
0.68µF - 150µF
1.0µF - 150µF
2.2µF - 220µF
100µF - 40µF
DC leakage at 0.005CV
Improved reliability: 0.50%/1000hrs, 85°C, rated
voltage
Low ESR options available
Operating temperature range of -55˚C to
+125˚C
Tape and reel packaging
Automotive Grade available
•
•
•
•
•
•
Tantalum Surface Mount Capacitors • Low ESR MnO
2
T494 Low ESR MnO
2 Series
(Industrial Grade)
Series
Case Size
KEMET/EIA
Dimensions
L x W x H (mm)
Capacitance Range
Benefits
T494
A/3216-18
B/3528-21
C/6032-28
D/343-31
X/343-43
E/260-38
3.2 x 1.6 x 1.6
3.5 x 2.8 x 1.9
6.0 x 3.2 x 2.5
.3 x 4.3 x 2.8
.3 x 4.3 x 4.0
.3 x 6.0 x 3.6
0.10µF - 100µF
0.15µF - 220µF
0.4µF - 330µF
1.5µF - 680µF
6.8µF - 1000µF
40µF -1000µF
Low ESR, Industrial Grade
2.5 - 50 Volts
±20%, ±10% capacitance tolerance
Tape and reel packaging
RoHS-compliant
Automotive Grade available
•
•
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com