Electronic Components Datasheet Search
  English  ▼

X  

C320 Datasheet(PDF) 48 Page - Kemet Corporation

Part # C320
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C320 Datasheet(HTML) 48 Page - Kemet Corporation

Back Button C320 Datasheet HTML 44Page - Kemet Corporation C320 Datasheet HTML 45Page - Kemet Corporation C320 Datasheet HTML 46Page - Kemet Corporation C320 Datasheet HTML 47Page - Kemet Corporation C320 Datasheet HTML 48Page - Kemet Corporation C320 Datasheet HTML 49Page - Kemet Corporation C320 Datasheet HTML 50Page - Kemet Corporation C320 Datasheet HTML 51Page - Kemet Corporation C320 Datasheet HTML 52Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
48
48
Film Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Series
Type
Capacitance Range
Rated Voltage
Benefits
C4C
Axial
0.1µF - 2.5µF
0.04µF - 1.5µF
0.022µF - 0.68µF
6800pF - 0.22µF
850VDC, 450VAC
1200VDC, 500VAC
2000VDC, 630VAC
3000VDC, 50VAC
• Snubber applications
• Climatic category 40/85/56
• Max. dV/dt 200 to 2100V/µs
• Length L = 33 to 58mm
C4G
Axial
1µF - 40µF
0.4µF - 20µF
0.4µF - 10µF
0.4µF - 6.8µF
0.15µF - 4.0µF
250VDC, 160VAC
400VDC, 250VAC
600VDC, 330VAC
00VDC, 400VAC
850VDC, 450VAC
• Switching applications
• Climatic category 40/85/56
• Max. dV/dt 15 to 210V/µs
• Length L = 20.5 to 58mm
C4H
Axial flat
0.1µF - 1.0µF
0.04µF - 0.68µF
0.022µF - 0.33µF
6800pF - 0.1µF
850VDC, 450VAC
1200VDC, 500VAC
2000VDC, 630VAC
3000VDC, 50VAC
• Snubber applications
• Climatic category 40/85/56
• Max. dV/dt 190 to 2100V/µs
• Length L = 33 to 58mm
C4M
Axial flat
1µF - 20µF
0.4µF - 6.8µF
0.4µF - 4.µF
0.4µF - 3.0µF
250VDC, 160VAC
400VDC, 250VAC
600VDC, 330VAC
00VDC, 400VAC
• Switching applications
• Climatic category 40/85/56
• Max. dV/dt 15 to 80V/µs
• Length L = 20.5 to 58mm
C4AS
Box
0.15µF - 5.0µF
0.15µF - 4.µF
0.1µF - 3.5µF
0.033µF - 1.5µF
0.022µF - 0.82µF
850VDC, 500VAC
1000VDC, 600VAC
1200VDC, 630VAC
2000VDC, 00VAC
3000VDC, 50VAC
• Snubber applications
• Climatic category 40/85/56
• Max. dV/dt 469 to 3360V/µs
• Lead spacing 2.5, 3.5, 52.5mm
• Terminals: Tinned copper 2 or 4 wires
C4AT
Box
1.0µF - 60µF
1.0µF - 40µF
1.0µF - 33µF
0.68µF - 20µF
0.4µF - 15µF
0.22µF - 10µF
250VDC, 160VAC
400VDC, 250VAC
450VDC, 25VAC
600VDC, 350VAC
00VDC, 400VAC
850VDC, 450VAC
• Switching applications
• Climatic category 40/85/56
• Max. dV/dt 15 to 148V/µs
• Lead spacing 2.5, 3.5, 52.5mm
• Terminals: Tinned copper 2 or 4 wires
C4AE
Box
30µF - 100µF
15µF - 55µF
12µF - 40µF
8.0µF - 25µF
450VDC
00VDC
900VDC
1100VDC
• DC link applications
• Climatic category 40/85/56
• Max. dV/dt 10 to 21V/µs
• Lead spacing 3.5, 52.5mm
• Terminals: Tinned copper 2 or 4 wires
C4BS
IGBT box
0.4µF - 5.0µF
0.4µF - 4.0µF
0.33µF - 3.3µF
0.10µF - 1.5µF
0.04µF - 0.82µF
850VDC, 550VAC
1000VDC, 600VAC
1200VDC, 630VAC
2000VDC, 00VAC
3000VDC, 50VAC
• Snubber-IGBT applications
• Climatic category 40/85/56
• Max. dV/dt 469 to 3361V/µs
• Box length L = 32 to 5.5mm
• Terminals: Tinned brass lugs
C4BT
IGBT box
4.µF - 60µF
3.3µF - 40µF
2.5µF - 20µF
1.5µF - 15µF
1.0µF - 10µF
250VDC, 160VAC
400VDC, 250VAC
600VDC, 330VAC
00VDC, 400VAC
850VDC, 450VAC
• Switching-IGBT applications
• Climatic category 40/85/56
• Max. dV/dt 2 to 148V/µs
• Box length L = 32 to 5.5mm
• Terminals: Tinned brass lugs
C4DC
Flat cylindrical
plastic case
(low inductance)
1.5µF - 6.0µF
1.0µF - 4.0µF
0.5µF - 4.0µF
850VDC, 500VAC
1000VDC, 600VAC
1400VDC, 00VAC
• Snubber-GTO applications
• Climatic category 40/85/56
• Max. dV/dt 380 to 1000V/µs
• Diameter D = 60 to 90mm
• Height H = 51 to 64mm
• Hole M8 threaded (M6 on request)
C4DR
Flat cylindrical
plastic case
(low inductance)
25µF - 220µF
12µF - 100µF
.5µF - 0µF
4.0µF - 60µF
2.5µF - 25µF
1.0µF - 15µF
400VDC, 160VAC
600VDC, 220VAC
00VDC, 250VAC
850VDC, 330VAC
1200VDC, 440VAC
1500VDC, 500VAC
• Clamper-GTO applications
• Climatic category 40/85/56
• Max. dV/dt 12 to 400V/µs
• Diameter D = 60 to 90mm
• Height H = 51 to 99mm
• Hole M8 threaded (M6 on request)
C4DE
Flat cylindrical
plastic case
(low inductance)
15µF - 380µF
100µF - 220µF
68µF - 140µF
4µF - 100µF
400VDC
600VDC
800VDC
1000VDC
• DC link applications
• Climatic category 40/85/21
• Max. dV/dt 15 to 3V/µs
• Diameter D = 84mm
• Height H = 40, 51, 64mm
• Terminals: M6 or M8 threaded bolt
(also available with threaded female connections)
Power Electronics and AC Film Capacitors • Metallized Polypropylene



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com