Electronic Components Datasheet Search
  English  ▼

X  

C320 Datasheet(PDF) 43 Page - Kemet Corporation

Part # C320
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C320 Datasheet(HTML) 43 Page - Kemet Corporation

Back Button C320 Datasheet HTML 39Page - Kemet Corporation C320 Datasheet HTML 40Page - Kemet Corporation C320 Datasheet HTML 41Page - Kemet Corporation C320 Datasheet HTML 42Page - Kemet Corporation C320 Datasheet HTML 43Page - Kemet Corporation C320 Datasheet HTML 44Page - Kemet Corporation C320 Datasheet HTML 45Page - Kemet Corporation C320 Datasheet HTML 46Page - Kemet Corporation C320 Datasheet HTML 47Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
43
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
43
Film Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Series
Dielectric/Electrodes
Capacitance Range
Rated Voltage
(VDC)
Benefits
F5A
Polyester metallized film
capacitor with integrated
ceramic varistor
0.1µF - 2.2µF
0.1µF - 1.5µF
5 - 63 (p=5mm)
5 - 63 (p=10mm)
• DC motors suppression mainly in automotive
applications
• Climatic category 55/125/56
• Varistor voltage range 8VDC to 82VDC
• Lead spacing 5, 10mm
F5B
Polyester metallized film
capacitor with integrated
bidirectional suppressor
diode
0.1µF - 1.2µF
1.5µF - 2.2µF
0.1µF - 1.5µF
5 - 63 (p=5mm)
5 - 50 (p=5mm)
5 - 63 (p=10mm)
• DC motors suppression mainly in automotive
applications
for very high performance peak reduction
• Climatic category 55/125/56
• Diode breakdown voltage range 10VDC to 8VDC
• Lead spacing 5, 10mm
F5D
Polyester metallized film
capacitor with integrated
ceramic capacitor
0.1µF - 2.2µF
63, 100 VDC
DC motors suppression mainly in automotive
applications
Superior frequency response
Climactic category 55/125/56
Lead spacing 5, 10mm
•
•
•
•
Low Voltage Noise Suppression Capacitors with Integrated Varistor or Suppression Diodes
General Purpose Film Capacitors • Radial and Axial
Stable High Temperature Capacitors • PPS Film
Series
Dielectric/
Electrodes
Capacitance
Range
Rated Voltage
Benefits
F611 & F612 Polyester metallized film,
radial
0.001µF - 330µF
50 - 1000VDC
• Climactic category 55/105/56
• Max. dV/dt 400 V/µS
• Lead spacing 5, .5, 10, 15, 22.5, 2.5, 3.5mm
F622
Polyester metallized film,
radial
0.001µF - 2.2µF
50 - 630VDC
• Climactic category 55/125/56
• Max. dV/dt 800 V/µS
• Lead spacing 5mm
MMK
Polyester metallized film,
radial
0.001µF - 82µF
50 - 1000VDC
Climactic category 55/100/56
Max. dV/dt 1.0 to 100 V/µs
Lead spacing 5, .5, 10, 15, 22.5, 2.5, 3.5mm
•
•
•
R82 (5mm)
R66 (.5mm)
R60 (10-
3.5mm)
Polyester metallized film,
radial
0.001µF - 220µF
50 - 1000VDC
Climactic category 55/105/56
Max. dV/dt 1.0 to 400 V/µs
Lead spacing 5, .5, 10, 15, 22.5, 2.5, 3.5mm
•
•
•
RSB
Polyester metallized film,
radial high temp.
0.001µF - 2.2µF
50 - 630VDC
Climactic category 55/125/56
Max. dV/dt 200 to 800 V/µs
Lead spacing 5mm
•
•
•
PME261
Impregnated metallized
paper, radial
0.0082µF - 1.0µF
0.001µF - 0.15µF
0.001µF - 0.1µF
220VAC, 400VDC
300VAC, 630VDC
500VAC, 1000VDC
Test voltage (factory test) 800VDC/1250VDC
2000VDC
Climatic category 40/00/56
Max. dV/dt 220 to 2000 V/µs
Lead spacing 10.2, 15.2, 20.3, 25.4mm
•
•
•
•
A50
Polyester
metallized film, axial
0.4µF - 10.0µF
0.33µF - 10.0µF
0.10µF - 10.0µF
0.04µF - 10.0µF
0.010µF - 3.3µF
1000pF - 1.0µF
1000pF - 0.4µF
50VDC, 30VAC
63VDC, 40VAC
100VDC, 63VAC
250VDC, 160VAC
400VDC, 200VAC
630VDC, 220VAC
1000VDC, 250VAC
• DC multipurpose applications
• Climatic category 55/105/56
• Max dV/dt 1.0 to 50 V/µs
• Length L = 11 to 33mm
Series
Electrodes
Capacitance
Range
Rated Voltage
Benefits
SMR
Metallized
0.001µF - 22µF
0.001µF - 22µF
0.001µF - 12µF
0.001µF - 3.9µF
0.001µF - 1.8µF
50VDC, 30VAC
63VDC, 40VAC
100VDC, 63VAC
250VDC, 160VAC
400VDC, 200VAC
• Climatic category 55/150/56
• Max. dV/dt 2 to 40 V/µs
• Lead spacing 5, .5, 10, 15, 22.5, 2.5mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com