Electronic Components Datasheet Search
  English  ▼

X  

C320 Datasheet(PDF) 29 Page - Kemet Corporation

Part # C320
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C320 Datasheet(HTML) 29 Page - Kemet Corporation

Back Button C320 Datasheet HTML 25Page - Kemet Corporation C320 Datasheet HTML 26Page - Kemet Corporation C320 Datasheet HTML 27Page - Kemet Corporation C320 Datasheet HTML 28Page - Kemet Corporation C320 Datasheet HTML 29Page - Kemet Corporation C320 Datasheet HTML 30Page - Kemet Corporation C320 Datasheet HTML 31Page - Kemet Corporation C320 Datasheet HTML 32Page - Kemet Corporation C320 Datasheet HTML 33Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
29
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
29
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Ceramic Capacitors
Military Grade Through-Hole Multilayer Ceramic Capacitors (THD MLCCs)
Radial • MIL-PRF-123 • High Reliability •BP (C0G/NP0) & BX (X7R) Dielectrics • 50VDC–200VDC
(Military Grade)
Axial • MIL-C-11015 & MIL-PRF-39014 • High Reliability • BX (X7R) & BR (X7R) Dielectrics • 50VDC–100VDC
(Military Grade)
KEMET
Series
Military
Equivalent Styles
Dimensions
H x L x W
(inches)
Dielectric Capacitance Range
Voltage
Range
(VDC)
Benefits
C114K
C114T
CK12 (11015)
CKR11 (39014
0.16 x 0.09
BX
10pF - 0.01µF
50 - 100
-55°C to +125°C operating temperature
range
High reliability
Non-polar device, minimizing installation
concerns
SnPb coated (60/40) lead material
Failure rating screening available 0.001
to 1.0%
•
•
•
•
•
C124K
C124T
CK13 (11015)
CKR12 (39014)
0.25 x 0.09
BX
5600pF - 0.04µF 50 - 100
C192K
C192T
CK14 (11015)
CKR14 (39014
0.39 x 0.14
BX
0.012µF - 0.2µF 50 - 100
C202K
C202T
CK15 (11015)
CKR15 (39014)
0.50 x 0.25
BX, BR
0.056µF - 1.0µF
50 - 100
C222K
C222T
CK16 (11015)
CKR16 (39014)
0.69 x 0.35
BR
0.4µF - 3.3µF
50 - 100
Radial • MIL-C-11015 & MIL-PRF-39014 • High Reliability • BX (X7R) Dielectric • 50VDC–200VDC
(Military Grade)
Series
Code
Military
Equivalent Styles
Dimensions
H x L x W
(inches)
Dielectric Capacitance Range
Voltage
Range
(VDC)
Benefits
C052K /
C056K
C052T /
C056T
CK05 (11015)
CKR05 (39014)
0.19 x 0.19 x 0.09
BX
10pF - 0.1µF
50 - 200
-55°C to +125°C operating temperature
range
High reliability
Non-polar device, minimizing installation
concerns
SnPb coated (60/40) lead material
Failure rating screening available 0.001 to
1.0%
Lead spacings 0.20 - 0.40"
•
•
•
•
•
•
C062K /
C066K
C062T /
C066T
CK06 (11015)
CKR06 (39014)
0.29 x 0.29 x 0.09
BX
1200pF - 1.0µF
50 - 200
KEMET
Series
Military
Equivalent Styles
Dimensions
H x L x W
(inches)
Dielectric Capacitance Range
Voltage
Range
(VDC)
Benefits
C052Z
CKS05
0.19 x 0.19 x 0.09
BP
BX
4.pF - 3300pF
20pF - 0.01µF
50 - 200
-55°C to +125°C operating temperature
range
High reliability
Solder coated copper, lead material
standard
Non-polar device, minimizing installation
concerns
Lead spacings 0.20 - 0.40"
•
•
•
•
•
C062Z
CKS06
0.29 x 0.29 x 0.09
BP
BX
20pF - 0.018µF
5600pF - 1.0µF
50 - 200
C512Z
CKS0
0.48 x 0.48 x 0.14
BP
BX
2200pF - 0.1µF
0.056µF - 1.0µF
50 - 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com