Electronic Components Datasheet Search
  English  ▼

X  

C326 Datasheet(PDF) 8 Page - Kemet Corporation

Part # C326
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C326 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C326 Datasheet HTML 4Page - Kemet Corporation C326 Datasheet HTML 5Page - Kemet Corporation C326 Datasheet HTML 6Page - Kemet Corporation C326 Datasheet HTML 7Page - Kemet Corporation C326 Datasheet HTML 8Page - Kemet Corporation C326 Datasheet HTML 9Page - Kemet Corporation C326 Datasheet HTML 10Page - Kemet Corporation C326 Datasheet HTML 11Page - Kemet Corporation C326 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
8
8
Aluminum Electrolytic Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Series
Temperature
Range
Capacitance
Range
Voltage Range
(VDC)
Life Expectancy @
Rated Voltage, Rated
Temperature
Benefits
ALC10
-40 to +85°C
56µF - 82000µF
40 - 500
29000 hours
• Compact size
• 18000 hours life at 85°C (U
R, IR applied)
• High ripple current
• Excellent surge voltage capability
ALC12
-40 to +85°C
150µF - 8200µF
200 - 450
9000 hours
• Compact size
• 2000 hours life at 85°C (U
R, IR applied)
• Excellent surge voltage capability
PEH506
-40 to +85°C
68µF - 2000µF
35 - 450
6000 hours
• Long life grade
• PCB mounting
• Low ESR & ESL
• High ripple current
ALC40
-40 to +105°C
4µF - 120000µF
25 - 450
14000 hours
• Compact size
• 9000 hours life at 105°C (U
R, IR applied)
• High ripple current
• Excellent surge voltage capability
ALC42
-40 to +105°C
120µF - 6800µF
200 - 450
11000 hours
• Compact size
• 2000 hours life at 105°C (U
R, IR applied)
• Excellent surge voltage capability
PEH532
-40 to +105°C
68µF - 2000µF
35 - 500
2000 hours
• Long life grade
• PCB mounting
• Low ESR & ESL
• High ripple current
PEH534
-40 to +105°C
150µF - 22000µF
35 - 500
4000 hours
• Long life grade
• PCB mounting
• Low ESR & ESL
• High ripple current
PEH536
-40 to +105°C
4µF - 18000µF
35 - 500
6000 hours
• Long life grade
• PCB mounting
• Low ESR & ESL
• High ripple current
PEH526/626
-40 to +125°C
820µF - 6800µF
25 - 80
4000 hours
• 125°C temperature rating
• High vibration specification
• Low ESR
• High ripple current capability
Series
Temperature
Range
Capacitance Range
Voltage
Range
Life Expectancy @
Rated Voltage, Rated
Temperature
Benefits
ALN20S
-40 to +85°C
10000µF
50 - 100VDC
29000 hours
• 4 pin solder tag
• Long life
• Slit foil technolgy
ALC10S
-40 to +85°C
10000µF
50 - 100VDC
29000 hours
• 2 pin solder tag
• Long life
• Slit foil technolgy
ALP/T 20
-40 to +85°C
22µF - 150000µF
40 - 450VDC
26000 hours
• Solder tag & DIN standard solder pin
• Long life
ALP/T 22
-40 to +85°C
22µF - 150000µF
40 - 450VDC
26000 hours
• Solder tag & DIN standard solder pin
• Long life
MS/MD
-20 to +60°C
MS type
-20 to +0°C
MD types
25µF - 50µF
120 - 260VAC
• AC motor start capacitors
• 6.3mm double amp tags (quick connect type)
• VDE approved to EN60252-2
Snap-In Electrolytic Capacitors
Other Electrolytic Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com