Electronic Components Datasheet Search
  English  ▼

X  

C326 Datasheet(PDF) 24 Page - Kemet Corporation

Part # C326
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C326 Datasheet(HTML) 24 Page - Kemet Corporation

Back Button C326 Datasheet HTML 20Page - Kemet Corporation C326 Datasheet HTML 21Page - Kemet Corporation C326 Datasheet HTML 22Page - Kemet Corporation C326 Datasheet HTML 23Page - Kemet Corporation C326 Datasheet HTML 24Page - Kemet Corporation C326 Datasheet HTML 25Page - Kemet Corporation C326 Datasheet HTML 26Page - Kemet Corporation C326 Datasheet HTML 27Page - Kemet Corporation C326 Datasheet HTML 28Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
24
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
24
Ceramic Capacitors
Military Grade Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
MIL-PRF-55681 • Established Reliability • BP (NP0) & BX (X7R) Dielectrics • 50VDC–100VDC
(Military Grade)
Size Code
EIA
Style
Dielectric Capacitance Range
Voltage
Range (VDC)
Benefits
0805
CDR01
CDR31
BP, BX
10pF - 0.018µF
50 - 100
-55°C to +125°C operating temperature range
Established reliability
Non-polar device, minimizing installation concerns
100% pure matte tin-plated end metallization option available
SnPb plated (0/30) end metallization option available
SnPb coated (60/40) end metallization option available
•
•
•
•
•
•
1206
CDR32
BP, BX
1.0pF - 0.039µF
50 - 100
1210
CDR33
BP, BX
1000pF - 0.1µF
50 - 100
1805
CDR02
BP, BX
220pF - 0.022µF
50 - 100
1808
CDR03
BP, BX
330pF - 0.068µF
50 - 100
1812
CDR04
CDR34
BP, BX
1200pF - 0.18µF
50 - 100
1825
CDR05
CDR35
BP, BX
3900pF - 0.40µF
50 - 100
2225
CDR06
BP, BX
6800pF - 0.4µF
50 - 100
Military Grade Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
GR900 • High Reliability • BP (NP0) & BX (X7R) Dielectrics • 16VDC–200VDC
(Military Grade)
Size Code
EIA
Style
Dielectric Capacitance Range
Voltage
Range (VDC)
Benefits
0504
C0504
BP, BX
10pF - 6800pF
50 - 200
-55°C to +125°C operating temperature range
High reliability
Group A & B (optional) testing
In process inspection (per MIL-PRF-123)
Non-polar device, minimizing installation concerns
100% pure matte tin plated end metallization option available
SnPb plated (0/30) end metallization option available
SnPb coated (60/40) end metallization option available
Gold plated end metallization option available
•
•
•
•
•
•
•
•
•
0805
C0805
BP, BX
10pF - 0.1µF
25 - 200
1005
C1005
BP, BX
1.0pF - 0.022µF
50 - 200
1206
C1206
BP, BX
1.0pF - 0.15µF
16 - 200
1210
C1210
BP, BX
10pF - 0.4µF
16 - 200
1805
C1805
BP, BX
220pF - 0.04µF
50 - 200
1808
C1808
BP, BX
330pF - 0.1µF
50 - 200
1812
C1812
BP, BX
330pF - 0.18µF
50 - 200
1825
C1825
BP, BX
200pF - 0.4µF
50 - 200
2225
C2225
BP, BX
200pF - 1.0µF
50 - 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com