Electronic Components Datasheet Search
  English  ▼

X  

C326 Datasheet(PDF) 6 Page - Kemet Corporation

Part # C326
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C326 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C326 Datasheet HTML 2Page - Kemet Corporation C326 Datasheet HTML 3Page - Kemet Corporation C326 Datasheet HTML 4Page - Kemet Corporation C326 Datasheet HTML 5Page - Kemet Corporation C326 Datasheet HTML 6Page - Kemet Corporation C326 Datasheet HTML 7Page - Kemet Corporation C326 Datasheet HTML 8Page - Kemet Corporation C326 Datasheet HTML 9Page - Kemet Corporation C326 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
6
dielectric
cathode
aluminum foil
paper soaked in electrolyte
electrolyte solution
anode
aluminum foil
Extended cathode
Anode foil
Cathode foil
Tissues
Foil tabs
Aluminum electrolytic capacitor typical construction
Aluminum Electrolytic Capacitors
Aluminum electrolytics offer some of the smallest sizes for a given capacitance and voltage. Commonly
used for filtering and bulk energy storage, electrolytics are available in rated voltages exceeding 500 VDC.
KEMET Electrolytic capacitors are utilized in a wide variety of demanding power electronics applications
such as automotive, power generators and converters, welders, wind turbines, uninterruptible power
supplies, and medical imaging.
Electrolytic capacitors consist of aluminum foil which is first etched to increase its surface area. Separate,
carefully designed etching techniques are used for the anode and cathode foils. A layer of aluminum
oxide, an excellent dielectric, is formed on the surface of the etched anode foil before the foils are wound
together between special separator papers. At the same time, tabs are welded to the foils to form the
connections. The wound assembly is impregnated with a liquid electrolyte. This electrolyte is a precision-
made compound which fully impregnates the etched foil, providing a low ESR conductive path to the
cathode foil with stable electrical and chemical properties. KEMET crafts its own electrolytes to match
the etched foil characteristics and desired final properties. The assembly is packaged in such a way as
to provide excellent vibration resistance and low thermal resistance.
KEMET offers a broad line of axial, snap-in, screw terminal and miniature electrolytic capacitors;
however, it is often beneficial to optimize the capacitor to a specific requirement, particularly in
automotive and power applications. KEMET’s systems and production methods are designed with
optimization in mind. By utilizing a “library” of foils, electrolytes, separator papers, and mechanical parts
in carefully selected combinations, KEMET can swiftly design and build optimized electrolytic capacitors
to match a given specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com