Electronic Components Datasheet Search
  English  ▼

X  

C326 Datasheet(PDF) 23 Page - Kemet Corporation

Part # C326
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C326 Datasheet(HTML) 23 Page - Kemet Corporation

Back Button C326 Datasheet HTML 19Page - Kemet Corporation C326 Datasheet HTML 20Page - Kemet Corporation C326 Datasheet HTML 21Page - Kemet Corporation C326 Datasheet HTML 22Page - Kemet Corporation C326 Datasheet HTML 23Page - Kemet Corporation C326 Datasheet HTML 24Page - Kemet Corporation C326 Datasheet HTML 25Page - Kemet Corporation C326 Datasheet HTML 26Page - Kemet Corporation C326 Datasheet HTML 27Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
23
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
23
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Ceramic Capacitors
High Temperature (200°C) • C0G Dielectric • 10VDC–200VDC
(Industrial Grade)
Size Code
EIA/Metric
Max Temp.
Capacitance Range
Voltage Range
(VDC)
Benefits
0402/1005
200°C
0.5pF - 1500pF
10 - 100
-55°C to +200°C operating temperature range
RoHS-compliant (excluding SnPb end metallization option)
Available capacitance tolerances of ±0.25pF, ±0.5pF, ±1%,
±2%, ±5%, ±10% and ±20%
No piezoelectric noise
Extremely low ESR and ESL
High thermal stability
High ripple current capability
Preferred capacitance solution at line frequencies and into the
MHz range
No capacitance change with respect to applied rated DC voltage
Negligible capacitance change with respect to temperature from
-55°C to +200°C
No capacitance decay with time
Non-polar device, minimizing installation concerns
100% pure matte tin-plated end metallization allowing for
excellent solderability
SnPb plated end metallization available upon request (5% min)
•
•
•
•
•
•
•
•
•
•
•
•
•
•
0603/1608
0.5pF - 0.01µF
10 - 200
0805/2012
0.5pF - 0.04µF
10 - 200
1206/3216
1.0pF - 0.1µF
10 - 200
1210/3225
1.0pF - 0.22µF
10 - 200
1812/4532
0.015µF - 0.22µF
50 - 100
2220/5650
0.4µF
50
200°C
High Temperature Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature Through-Hole Multilayer Ceramic Capacitors (THD MLCCs)
High Temperature (200°C - 260°C) • Axial & Radial • C0G (NP0) & X7R Dielectrics • 50VDC–5KVDC
(Robust / MIL Screened)
Style/Case
Size
Max Temp.
Dielectric/
Capacitance Range
Voltage Range
(VDC)
Benefits
HT05 - HT16
HP05 - HP16
200°C
C0G – 22pF - 0.1µF
XR – 1000pF - 4.µF
100, 200
-55°C to +200°C operating temperature range
Ideal for industrial, down hole and harsh environments
Axial and radial form factors
Conformal coated option available (HP Series only)
•
•
•
•
HV10 - HV16
C0G – 15pF - 0.015µF
XR – 820pF - 1.0µF
500 - 4000
-55°C to +200°C operating temperature range
High temperature (+200°C)
Ideal for industrial, down hole and harsh environments
Radial form factor
•
•
•
•
ACR/ARR/
ACA/ARA
C0G – 10pF - 0.15µF
XR – 1000pF - 4.µF
50 - 100
-55°C to +200°C operating temperature range
Ideal for down hole, jet engine controls and geophysical
pressure probes
Axial and radial form factors
•
•
•
VCR/VRR
C0G – 10pF - 0.04µF
XR – 680pF - 1.2µF
500 - 5000
-55°C to +200°C operating temperature range
Ideal for high voltage power supplies, high voltage meter
Multiplier and RF circuits
Radial form factor
•
•
•
•
TCR/TRR/
TCA/TRA
260°C
C0G – 10pF - 0.15µF
XR – 1000pF - 3.9µF
50 - 100
-55°C to +260°C operating temperature range
Ideal for down hole, jet engine controls and geophysical
pressure probes
Axial and radial form factors
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com