Electronic Components Datasheet Search
  English  ▼

X  

C326 Datasheet(PDF) 9 Page - Kemet Corporation

Part # C326
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C326 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button C326 Datasheet HTML 5Page - Kemet Corporation C326 Datasheet HTML 6Page - Kemet Corporation C326 Datasheet HTML 7Page - Kemet Corporation C326 Datasheet HTML 8Page - Kemet Corporation C326 Datasheet HTML 9Page - Kemet Corporation C326 Datasheet HTML 10Page - Kemet Corporation C326 Datasheet HTML 11Page - Kemet Corporation C326 Datasheet HTML 12Page - Kemet Corporation C326 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
9
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
9
Aluminum Electrolytic Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Series
Temperature
Range
Capacitance Range
Voltage
Range
Life Expectancy @
Rated Voltage, Rated
Temperature
Benefits
ELG
-40 to 105°C
4µF - 82000µF
6.3 - 450VDC
2000 hours
• 2 pin snap-in terminals
• High reliability
• Low ESR
• Different case size available for capacitance value
ELH
-40 to 85°C
4µF - 120000µF
6.3 - 450VDC
2000 hours
• 2 pin snap-in terminals
• High reliability
• Low ESR
• Different case size available for capacitance value
EDK
-40 to 85°C
.01µF - 1000µF
4 - 450VDC
2000 hours
• Surface mount
• Low profile vertical chip
EEV
-40 to 105°C
4.µF - 1500µF
6.3 - 35VDC
2000 hours
• Surface mount
• Low profile vertical chip
• Ultra low impedance
EXV
-40 to 105°C
1µF - 1000µF
6.3 - 50VDC
3000 - 5000 hours
• Surface mount
• Low profile vertical chip
• Ultra low impedance
ESC
-40 to 105°C
4.µF - 15000µF
6.3 - 100VDC
1000 - 3000 hours
• Radial through-hole
• Low ESR
• High frequency
ESH
-40 to 105°C
.4µF - 15000µF
6.3 - 450VDC
2000 hours
• Radial through-hole
• High CV product
ESG
-40 to 105°C
4.µF - 330µF
160 - 450VDC
5000 hours
• Radial through-hole
• High ripple current
• Long life
ESK
-40 to 85°C
.1µF - 22000µF
6.3 - 500VDC
2000 hours
• Radial through-hole
• General purpose
ESY
-40 to 105°C
5.6µF - 6800µF
6.3 - 100VDC
1000 - 5000 hours
• Radial through-hole
• Low impedance
• High ripple current
ESW
-40 to 105°C
6.8µF - 15000µF
6.3 - 100VDC
3000 - 5000 hours
• Radial through-hole
• Low impedance
• High ripple current
EST
-40 to 105°C
6.8µF - 15000µF
6.3 - 63VDC
4000 - 10000 hours
• Radial through-hole
• Low impedance
• Long life
Other Electrolytic Capacitors (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com