Electronic Components Datasheet Search
  English  ▼

X  

C326 Datasheet(PDF) 38 Page - Kemet Corporation

Part # C326
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C326 Datasheet(HTML) 38 Page - Kemet Corporation

Back Button C326 Datasheet HTML 34Page - Kemet Corporation C326 Datasheet HTML 35Page - Kemet Corporation C326 Datasheet HTML 36Page - Kemet Corporation C326 Datasheet HTML 37Page - Kemet Corporation C326 Datasheet HTML 38Page - Kemet Corporation C326 Datasheet HTML 39Page - Kemet Corporation C326 Datasheet HTML 40Page - Kemet Corporation C326 Datasheet HTML 41Page - Kemet Corporation C326 Datasheet HTML 42Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
38
Film Capacitors
With over 50 years of experience manufacturing plastic film capacitors, KEMET also designs and builds
custom equipment for film capacitor production, continuously innovating and improving the production
capability, quality, and efficiency. Because films are exceptionally thin – less than 1µm in some cases
– extreme precision and process control is required to manufacture quality capacitors for demanding
applications.
In the most common type of film capacitor, the electrodes are vacuum deposited, or metallized onto a
roll of precision plastic film. The metallization is not deposited near one edge. Two films, one with the
unmetallized edge on the left and one on the right, are laid on top of each other and wound into a roll.
In many cases, the roll is flattened. Next, several metal layers are sprayed on the ends. These become
the electrodes onto which wires are welded before encapsulation.
Another variation has the two films in a stack of layers much like a multilayer ceramic capacitor. These
can either have leads attached and be encapsulated for through-hole capacitors, or left unencapsulated
for surface mount capacitors. KEMET offers several variations on this basic construction using all the
commonly available plastic films to meet a broad range of application requirements. KEMET commonly
customizes film capacitors for specific applications when a standard part is not available.
Dielectric
absorption
%
Insulation time
constant(s) at
+23°C
Dissipation
factor at
1 kHz, +23°C
Temperature coefficient
(ppm/°C)
Operating
Temperature (°C)
Nomal/(Extended)
Dielectric
constant at
1 kHz, +23°C
Min. film
thickness
(µm)
Abbreviation
Dielectric
Material
Polyester
Polyethylene
Naphthalate
Polyphenylene
Sulfide
Polypropylene
Paper
Impregnated
PET
PEN
PPS
PP
P
0.9
1.4
1.2
2.4
8.0
3.3
3.0
3.0
2.2
5.5
0.5%
0.4%
0.06%
0.03%
0.8%
25,000
25,000
50,000
100,000
15,000
0.5
1.2
0.05
0.01
N/A
-55 to +100
( +125)
-55 to +125
( +150)
-55 to +125
( +175)
-55 to +105
( +125)
-40 to +115
+400 (±200)
+200 (±150)
0 (-50) -55 to +100
550 (±50) +100 to +150
0 (+50) +150 to +200
-200
(-100, +50) almost liner
+1200 (±200)
Properties of common dielectrics used in film capacitors
electrode
free margin
dielectric



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com