Electronic Components Datasheet Search
  English  ▼

X  

C326 Datasheet(PDF) 37 Page - Kemet Corporation

Part # C326
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C326 Datasheet(HTML) 37 Page - Kemet Corporation

Back Button C326 Datasheet HTML 33Page - Kemet Corporation C326 Datasheet HTML 34Page - Kemet Corporation C326 Datasheet HTML 35Page - Kemet Corporation C326 Datasheet HTML 36Page - Kemet Corporation C326 Datasheet HTML 37Page - Kemet Corporation C326 Datasheet HTML 38Page - Kemet Corporation C326 Datasheet HTML 39Page - Kemet Corporation C326 Datasheet HTML 40Page - Kemet Corporation C326 Datasheet HTML 41Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
3
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
3
EMI Filters
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Feed-Through Filters
Cylindical Case General Purpose Filters
General Purpose PCB Mount Filters
Series
Current
Rating (A)
L(mH)
Capacitance
x (µF)
Capacitance
y (nF)
Benefits
FAA, FAH
0.5 - 10
2x1 - 2x40
0.1 - 0.68,
2x0.1
2x2.2 - 2x4.
Compact PCB design
PCB or spade lug terminations
Medical versions available
•
•
•
FLH
0.5 - 6
2x1 - 2x24
0.033
2x2.5
Compact PCB design
High performance
Medical versions available
•
•
•
FAMAV
3.3 - 16
2x1, 2x13
0.4
2x1 - 2x6.8
High performance filter
High RF attenuation
Single or two stage designs
Medical versions available
•
•
•
•
Series
Current Rating (A)
Capacitance
x (µF)
Capacitance
y (nF)
Benefits
FNC
10 - 16
0.15 - 0.68
2x4. - 2x2
Suited for consumer goods, appliances, vending
machines, etc.
Compact design, spade lug terminations
Push-fit or stud-mount mounting
•
•
•
Series
Current Rating (A)
Capacitance
Benefits
AFCL 060
10
1.5nF - 4nF
CL configuration
Film dielectric
Self-healing characteristics
Excellent temperature stability
•
•
•
•
AFCL 100
1 - 10
100nF - 820nF
CL configuration
Film dielectric
Self-healing characteristics
Excellent temperature stability
•
•
•
•
AFPI 100
0.5 - 10
2x500nF
PI configuration
Film dielectric
Self-healing characteristics
Excellent temperature stability
•
•
•
•
AFPI 160
16
2x2.5nF - 2x2000nF
AFPI 190
6 - 30
2x18nF - 2x2000nF
AFCC 100
5 - 20
15nF - 1400nF
C configuration
Film dielectric
Self-healing characteristics
Excellent temperature stability
•
•
•
•
AFCC 160
16 - 25
2.5nF - 10000nF
AFCC 190
10 - 63
18nF - 220nF
AKCL 100
0.06 - 15
1.2µF
CL configuration
Ceramic dielectric
Hermetic sealing
Other configurations on request
•
•
•
•
Series
Current Rating (A)
Benefits
Applications
FLLDH, FLLDU
16 - 300
Single line, high performance
PI configuration
Excellent attenuation up to Ghz range
Rugged sealed construction
•
•
•
•
Screen rooms
Power supplies
Telecom systems
Medical equipment
•
•
•
•
FLLCC
25 - 800
Single line, high performance
C configuration
•
•
Power Feed-Through Filters
Small Signal Feed-Through Filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com