Electronic Components Datasheet Search
  English  ▼

X  

C326 Datasheet(PDF) 28 Page - Kemet Corporation

Part # C326
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C326 Datasheet(HTML) 28 Page - Kemet Corporation

Back Button C326 Datasheet HTML 24Page - Kemet Corporation C326 Datasheet HTML 25Page - Kemet Corporation C326 Datasheet HTML 26Page - Kemet Corporation C326 Datasheet HTML 27Page - Kemet Corporation C326 Datasheet HTML 28Page - Kemet Corporation C326 Datasheet HTML 29Page - Kemet Corporation C326 Datasheet HTML 30Page - Kemet Corporation C326 Datasheet HTML 31Page - Kemet Corporation C326 Datasheet HTML 32Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
28
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
28
Ceramic Capacitors
Military Grade Through-Hole Multilayer Ceramic Capacitors (THD MLCCs)
Radial • MIL-PRF-20 • Established Reliability • CG (C0G/NP0) Dielectric • 50VDC–200VDC
(Military Grade)
Radial • GR900 • High Reliability • CG (C0G/NP0), BP (C0G/NP0) & BX (X7R) Dielectrics • 50VDC–200VDC
(Military Grade)
KEMET
Series
Military
Equivalent
Styles
Dimensions
H x L x W
(inches)
Dielectric Capacitance Range
Voltage
Range
(VDC)
Benefits
C052G/
C056G
CC05, CCR05 0.19 x 0.19 x 0.09
CG
1.0pF - 3300pF
50 - 200
-55°C to +125°C operating temperature range
Ultra-stable C0G (NP0) Dielectric
Established reliability
Non-polar device, minimizing installation
concerns
SnPb coated (60/40) lead material
Failure rating screening available 0.001
to 1.0%
Lead spacings 0.20 - 0.40"
•
•
•
•
•
•
•
C062G/
C066G
CC06, CCR06 0.29 x 0.29 x 0.09
360pF - 0.018µF 50 - 200
C512G CC0, CCR0 0.48 x 0.48 x 0.14
2200pF - 0.10µF 50 - 200
C522G CC08, CCR08 0.48 x 0.48 x 0.24
3900pF - 0.068µF 50 - 200
KEMET
Series
Dimensions
H x L x W
(inches)
Dielectric Capacitance Range
Voltage
Range
(VDC)
Benefits
C052B 0.19 x 0.19 x 0.09
CG, BP
BX
1.0pF - 6800pF
40pF - 0.15µF
50 - 200
-55°C to +125°C operating temperature range
High reliability
Solder coated copper, lead material standard
Group A & B (optional) testing
In process inspection (per MIL-PRF-123)
Non-polar device, minimizing installation concerns
Lead spacings 0.20 - 0.40"
•
•
•
•
•
•
•
C062B 0.29 x 0.29 x 0.09
CG, BP
BX
20pF - 0.024µF
3300pF - 1.0µF
50 - 200
C512B 0.48 x 0.48 x 0.14
CG, BP
BX
2000pF - 0.15µF
0.039µF - 3.3µF
50 - 200
Military Grade Through-Hole Multilayer Ceramic Capacitors (THD MLCCs)
Axial • MIL-PRF-20 • Established Reliability • CG (C0G/NP0) Dielectric • 50VDC–200VDC
(Military Grade)
Series
Code
Military
Equivalent
Styles
Dimensions
L x D
(inches)
Dielectric Capacitance Range
Voltage
Range
(VDC)
Benefits
C114G
CC5, CCR5
0.16 x 0.09
CG
1.0pF - 680pF
50 - 200
-55°C to +125°C operating temperature range
Ultra-stable C0G (NP0) Dielectric
Established reliability
Non-polar device, minimizing installation
concerns
SnPb coated (60/40) lead material
Failure rating screening available 0.001
to 1.0%
•
•
•
•
•
•
C124G
CC6, CCR6
0.25 x 0.09
82pF - 1000pF
50 - 200
C192G
CC, CCR
0.39 x 0.14
150pF - 5600pF
50 - 200
C202G
CC8, CCR8
0.50 x 0.25
820pF - 0.02µF
50 - 200
C222G
CC9, CCR9
0.69 x 0.35
3900pF - 0.082µF
50 - 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com