Electronic Components Datasheet Search
  English  ▼

X  

AST20S Datasheet(PDF) 22 Page - Advanced Semiconductor Business Inc.

Part # AST20S
Description  High Gain, Low Noise Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST20S Datasheet(HTML) 22 Page - Advanced Semiconductor Business Inc.

Back Button AST20S Datasheet HTML 18Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 19Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 20Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 21Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 22Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 23Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 24Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 25Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 26Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
22/33
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
August 2012
AST20S
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of +0 dBm/tone separated by 1MHz.
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Board Layout (FR4, 23x13 mm
2, 0.8T)
Note: 1) the length of the strip line P1 is given as below at
the PCB with Er = 4.5 and T = 0.8 mm.
*P1 Length: 1.8 mm, Width: 0.3 mm
2) Gain and S11 are in trade-off and varied with the length of P1
Bottom
Parameter
Symbol
Unit
Frequency (MHz)
1210~1270
1560~1620
Power Gain
Gp
dB
17
15
Noise Figure
NF
dB
0.55
0.55
Input Return Loss
RLin
dB
-11
-11
Output Return Loss
RLout
dB
-10
-12
1 dB Gain Compression
Output Power
Po(1dB)
dBm
15.5
16
3
rd Intercept Point
Output Power
1)
OIP3
dBm
25.5
27
Circuit Current
Icc
mA
18
18
Top
GPS
1210 ~ 1620 MHz
+3 V / 18 mA
C1=100 pF
C3=100 pF
RF OUT
AST20S
C2=10 nF
RF IN
L2=10 nH
*P1
R1=750
W
C4=1 uF
*P1
VDD
R2=6.2 k
W
L1=10 nH
R3=10
W
1000
1100
1200
1300
1400
1500
1600
1700
1800
0
5
10
15
20
25
Frequency (MHz)
1000
1100
1200
1300
1400
1500
1600
1700
1800
-20
-15
-10
-5
0
Frequency (MHz)
1000
1100
1200
1300
1400
1500
1600
1700
1800
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com