Electronic Components Datasheet Search
  English  ▼

X  

AST20S Datasheet(PDF) 28 Page - Advanced Semiconductor Business Inc.

Part # AST20S
Description  High Gain, Low Noise Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST20S Datasheet(HTML) 28 Page - Advanced Semiconductor Business Inc.

Back Button AST20S Datasheet HTML 24Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 25Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 26Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 27Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 28Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 29Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 30Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 31Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 32Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
28/33
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
August 2012
AST20S
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of +4 dBm/tone separated by 1MHz.
Parameter
Symbol
Unit
Frequency (MHz)
50
500
810
Power Gain
Gp
dB
18.7
17.8
17.7
Noise Figure
NF
dB
1.0
1.3
1.2
Input Return Loss
RLin
dB
-20
-9
-12
Output Return Loss
RLout
dB
-11
-14
-18
1 dB Gain Compression
Output Power
Po(1dB)
dBm
11
13
13
3
rd Intercept Point
Output Power
1)
OIP3
dBm
24.5
26
26
Circuit Current
Icc
mA
28
28
28
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
50 ~ 810 MHz
+4.5 V
Board Layout (FR4, 24x16 mm
2, 0.8T)
Bottom
Top
RF OUT
AST20S
RF IN
R4=750
W
C6=1 uF
VDD
R2=5.1 k
W
L2=560 nH
R1=51
W
C4=100 pF R3=510 W
L3=560 nH
C1=0.1 uF
C2=0.1 uF
C5=0.1 uF
L1=5.6 nH
C3=3 pF
R5=240
W
L4=68 nH
0
200
400
600
800
1000
-40
-30
-20
-10
0
10
20
30
S12
S22
S11
S21
Frequency [MHz]
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
S11
S22
freq (50.00MHz to 810.0MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com