Electronic Components Datasheet Search
  English  ▼

X  

AST20S Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # AST20S
Description  High Gain, Low Noise Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST20S Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  AST20S Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3/33
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
August 2012
AST20S
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of +4 dBm/tone separated by 1MHz.
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
698 ~ 787 MHz
+5 V
Board Layout (FR4, 23x13 mm
2, 0.8T)
Note: 1) the length of the strip line P1 is given as below at
the PCB with Er = 4.5 and T = 0.8 mm.
*P1 Length: 2.0 mm, Width: 0.3 mm
2) Gain and S11 are in trade-off and varied with the length of P1
Bottom
Parameter
Symbol
Unit
Frequency (MHz)
698
787
Power Gain
Gp
dB
20
19
Noise Figure
NF
dB
0.55
0.5
Input Return Loss
RLin
dB
-8
-10
Output Return Loss
RLout
dB
-15
-15
1 dB Gain Compression
Output Power
Po(1dB)
dBm
16.5
3
rd Intercept Point
Output Power
1)
OIP3
dBm
29
Circuit Current
Icc
mA
48
48
Top
C1=100 pF
C3=100 pF RF OUT
AST20S
C2=10 nF
RF IN
L2=47 nH
R4=130
W
*P1
R1=750
W
C6=1 uF
*P1
VDD
R2=5.1 k
W
L1=18 nH
C4=1 nF
R3=39
W
C5=10 nF
400
500
600
700
800
900
1000
0
5
10
15
20
25
Frequency (MHz)
400
500
600
700
800
900
1000
-20
-15
-10
-5
0
Frequency (MHz)
400
500
600
700
800
900
1000
-25
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com