Electronic Components Datasheet Search
  English  ▼

X  

AST20S Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # AST20S
Description  High Gain, Low Noise Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST20S Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  AST20S Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AST20S Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
5/33
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
August 2012
AST20S
High Gain, Low Noise Amplifier
-60
-40
-20
0
20
40
60
80
100
20
30
40
50
60
Temperature (
oC)
-60
-40
-20
0
20
40
60
80
100
16
17
18
19
20
21
Temperature (
oC)
Frequency = 900 MHz
-60
-40
-20
0
20
40
60
80
100
10
12
14
16
18
20
Temperature (
oC)
Frequency = 900 MHz
-60
-40
-20
0
20
40
60
80
100
22
24
26
28
30
32
Temperature (
oC)
Frequency = 900 MHz
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
10
15
20
25
30
35
40
P
out per Tone (dBm)
-40
oc
25
oc
85
oc
P1dB vs. Temperature
Current vs. Temperature
Output IP3 vs. Tone Power (Frequency = 900 MHz)
Output IP3 vs. Temperature
Gain vs. Temperature
S11
S22
freq (600.0MHz to 1.200GHz)
600
700
800
900
1000
1100
1200
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com